Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDSTRG40DILAX Datasheet(PDF) 69 Page - Texas Instruments

Part # EDSTRG40DILAX
Description  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG40DILAX Datasheet(HTML) 69 Page - Texas Instruments

Back Button EDSTRG40DILAX Datasheet HTML 65Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 66Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 67Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 68Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 69Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 70Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 71Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 72Page - Texas Instruments EDSTRG40DILAX Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
MECHANICAL DATA
4–3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
mechanical data
Table 1 is designed to aid the user when referencing a device family to the mechanical data section. The table
shows a cross-reference of the device family to the TMS370 generic package names and the associated
mechanical drawing(s) by drawing number and name.
Table 1. TMS370 Family Package Type and Mechanical Cross-Reference
PACAKGE TYPE
(mil pin spacing)
TMS370 GENERIC NAME
PACAKGE TYPE NUMBER AND
MECHANICAL NAME
FAMILY MEMBERS†
FN – 28 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370Cx0x,
TMS370Cx1x, and
TMS370CxCx
FN – 44 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370Cx2x,
TMS370Cx32,
TMS370Cx36,
TMS370Cx4x,
TMS370Cx8x, and
TMS370Cx9x
FN – 68 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370Cx5x,
TMS370Cx6x,
TMS370Cx7x, and
TMS370CxBx
FZ – 28 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370Cx0x, SE370Cx1x,
and SE370CxCx
FZ – 44 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370Cx2x, SE370Cx32,
SE370Cx36, SE370Cx4x,
SE370Cx8x, and
SE370Cx9x
FZ – 68 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370Cx5x, SE370Cx6x,
and SE370Cx7x
JD – 28 pin
(100-mil pin spacing)
CERAMIC DUAL-IN-LINE PACKAGE
(CDIP)
JD(R-CDIP-T**) CERAMIC SIDE-BRAZE
DUAL-IN-LINE PACKAGE
SE370Cx1x and
SE370CxCx
JD – 40 pin
(100-mil pin spacing)
CERAMIC DUAL-IN-LINE PACKAGE
(CDIP)
JD(R-CDIP-T**) CERAMIC SIDE-BRAZE
DUAL-IN-LINE PACKAGE
SE370Cx2x and
SE370Cx4x
N – 28 pin
(100-mil pin spacing)
PLASTIC DUAL-IN-LINE PACKAGE
(PDIP)
N(R-PDIP-T**) PLASTIC DUAL-IN-LINE
PACKAGE
TMS370Cx1x and
TMS370CxCx
N – 40 pin
(100-mil pin spacing)
PLASTIC DUAL-IN-LINE PACKAGE
(PDIP)
N(R-PDIP-T**) PLASTIC DUAL-IN-LINE
PACKAGE
TMS370Cx2x,
TMS370Cx4x,
TMS370Cx8x, and
TMS370CxAx
JC – 40 pin
(70-mil pin spacing)
CERAMIC SHRINK DUAL-IN-LINE
PACKAGE (CSDIP)
JC(R-CDIP-T40) CERAMIC SIDE-BRAZE
DUAL-IN-LINE PACKAGE
SE370Cx2x, SE370Cx4x,
and SE370Cx9x
NJ – 40 pin
(70-mil pin spacing)‡
PLASTIC SHRINK DUAL-IN-LINE
PACKAGE (PSDIP)
NJ(R-PDIP-T**) PLASTIC SHRINK
DUAL-IN-LINE PACKAGE
TMS370Cx2x,
TMS370Cx4x, and
TMS370Cx9x
JN – 64 pin
(70-mil pin spacing)
CERAMIC SHRINK DUAL-IN-LINE
PACKAGE (CSDIP)
JN(R-CDIP-T64) CERAMIC
DUAL-IN-LINE PACKAGE
SE370Cx5x and
SE370Cx7x
NM – 64 pin
(70-mil pin spacing)
PLASTIC SHRINK DUAL-IN-LINE
PACKAGE (PSDIP)
NM(R-PDIP-T64) PLASTIC SHRINK
DUAL-IN-LINE PACKAGE
TMS370Cx5x,
TMS370Cx7x, and
TMS370CxBx
† TMS370Cxxx refers to ROM and OTP devices; SE370Cxxx refers to UV-EPROM devices
‡ NJ formerly known as N2; the mechanical drawing of the NJ is identical to the N2 package and did not need to be requalified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com