Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC860 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 3 Page - Microchip Technology

  MIC860 Datasheet HTML 1Page - Microchip Technology MIC860 Datasheet HTML 2Page - Microchip Technology MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS (2.7V)
Electrical Characteristics: V+ = +2.7V, V– = 0V, VCM = V+/2; RL = 500 kΩ to V+/2; TA = +25°C, unless otherwise
noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
–20
–5
15
mV
—
–25
—
20
mV
Input Offset Voltage
Temp. Coefficient
—
20
—
μV/°C
Input Bias Current
IB
—
20
—
pA
—
Input Offset Current
IOS
—
10
—
pA
—
Input Voltage Range
VCM
1
1.8
—
V
CMRR > 60 dB,
–40°C ≤ TA ≤ +85°C
Common Mode
Rejection Ratio
CMRR
38
76
—
dB
0V < VCM < 1.35V,
–40°C ≤ TA ≤ +85°C
Power Supply
Rejection Ratio
PSRR
40
78
—
dB
Supply voltage change of 3V,
–40°C ≤ TA ≤ +85°C
Large-Signal Voltage
Gain
AVOL
50
66
—
dB
RL = 5 kΩ, VOUT = 2 VPP,
–40°C ≤ TA ≤ +85°C
66
81
—
dB
RL = 100 kΩ, VOUT = 2 VPP,
–40°C ≤ TA ≤ +85°C
76
91
—
dB
RL = 500 kΩ, VOUT = 2 VPP,
–40°C ≤ TA ≤ +85°C
Maximum Output
Voltage Swing
VOUT
V±70mV
V±34mV
—
V
RL = 5 kΩ, –40°C ≤ TA ≤ +85°C
V±2mV
V±0.7mV
—
V
RL = 500 kΩ, –40°C ≤ TA ≤
+85°C
Minimum Output
Voltage Swing
VOUT
—
V±11mV
V±50mV
mV
RL = 5 kΩ, –40°C ≤ TA ≤ +85°C
—
V±0.2mV
V±2mV
mV
RL = 500 kΩ, –40°C ≤ TA ≤
+85°C
Gain Bandwidth
Product
GBW
—
4
—
MHz
—
Slew Rate
SR
—
3
—
V/μs
—
Short-Circuit Output
Current
ISC
4.5
6
—
mA
Source, –40°C ≤ TA ≤ +85°C
10
16
—
mA
Sink, –40°C ≤ TA ≤ +85°C
Supply Current
IS
—
30
50
μA
No Load
 2020 Microchip Technology Inc.
DS20006338A-page 3
MIC860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com