Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC860 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 4 Page - Microchip Technology

  MIC860 Datasheet HTML 1Page - Microchip Technology MIC860 Datasheet HTML 2Page - Microchip Technology MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ELECTRICAL CHARACTERISTICS (5.0V)
Electrical Characteristics: V+ = +5V, V– = 0V, VCM = V+/2; RL = 500 kΩ to V+/2; TA = +25°C, unless otherwise
noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
–20
–5
20
mV
—
Input Offset Voltage
Temp Coefficient
—
20
—
μV/°C —
Input Bias Current
IB
—
20
—
pA
—
Input Offset Current
IOS
—
10
—
pA
—
Input Voltage Range
VCM
3.5
4.2
—
V
CMRR > 60 dB,
–40°C ≤ TA ≤ +85°C
Common Mode
Rejection Ratio
CMRR
44
77
—
dB
0V < VCM < 3.5V,
–40°C ≤ TA ≤ +85°C
Power Supply
Rejection Ratio
PSRR
40
79
—
dB
Supply voltage change of 1V,
–40°C ≤ TA ≤ +85°C
Large Signal Voltage
Gain
AVOL
52
66
—
dB
RL = 5 kΩ, VOUT = 4.8 VPP,
–40°C ≤ TA ≤ +85°C
67
80
—
dB
RL = 100 kΩ, VOUT = 4.8 VPP,
–40°C ≤ TA ≤ +85°C
75
90
—
dB
RL = 500 kΩ, VOUT = 4.8 VPP,
–40°C ≤ TA ≤ +85°C
Maximum Output
Voltage Swing
VOUT
V±75mV
V±37mV
—
V
RL = 5 kΩ, –40°C ≤ TA ≤ +85°C
V±35mV
V±4mV
—
V
RL = 500 kΩ,
–40°C ≤ TA ≤ +85°C
Minimum Output
Voltage Swing
VOUT
—
V±14mV
V±40mV
mV
RL = 5 kΩ, –40°C ≤ TA ≤ +85°C
—
V±0.4mV
V±5mV
mV
RL = 500 kΩ,
–40°C ≤ TA ≤ +85°C
Gain Bandwidth
Product
GBW
—
4
—
MHz
—
Slew Rate
SR
—
3
—
V/μs
—
Short-Circuit Output
Current
ISC
15
23
—
mA
Source, –40°C ≤ TA ≤ +85°C
30
47
—
mA
Sink, –40°C ≤ TA ≤ +85°C
Supply Current
IS
—
33
55
μA
No Load, –40°C ≤ TA ≤ +85°C
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature
TS
—
—
+150
°C
—
Ambient Temperature Range
TA
–40
—
+85
°C
—
Lead Temperature Soldering
—
—
—
+260
°C
Soldering, 5 sec.
Package Thermal Resistances
5-Lead SC70
JA
—
450
—
°C/W
—
MIC860
DS20006338A-page 4
 2020 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com