Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC860 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology MIC860 Datasheet HTML 10Page - Microchip Technology MIC860 Datasheet HTML 11Page - Microchip Technology MIC860 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
0.1
1
10
100 1000 10000
RESISTIVE LOAD (k )
V + = 5V
V + = 2.7V
MIC860
DS20006338A-page 8
 2020 Microchip Technology Inc.
FIGURE 3-13:
Output Voltage Swing vs.
Resistive Load (Source).
60
80
100
1
10
100
1000
10000
V
CC = 2.7V
V
CC = 5.0V
FIGURE 3-14:
Open Loop Gain vs.
Resistive Load.
-225
-180
-135
-90
-45
0
45
90
135
180
225
-50
-40
-30
-20
-10
0
10
20
30
40
50
V
CC = 5V
A
V = 10
R
L = 1M
C
L = 2pF
FIGURE 3-15:
Gain Bandwidth and Phase
Margin.
-225
-180
-135
-90
-45
0
45
90
135
180
225
-25
-20
-15
-10
-5
0
5
10
15
20
25
V
CC = 5V
A
V = 2
C
L = 2pF
R
L = 5k
FIGURE 3-16:
Gain Frequency Response.
-225
-180
-135
-90
-45
0
45
90
135
180
225
-25
-20
-15
-10
-5
0
5
10
15
20
25
V
CC = 5V
R
L = 5k
C
L = 2pF
A
V
= 1
FIGURE 3-17:
Unity Gain Frequency
Response.
-225
-180
-135
-90
-45
0
45
90
135
180
225
-25
-20
-15
-10
-5
0
5
10
15
20
25
V
CC = 2.7V
R
L = 5k
C
L = 2pF
A
V
= 1
FIGURE 3-18:
Unity Gain Frequency
Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com