Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC860 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC860
Description  Ultra-Low Power Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC860 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC860 Datasheet HTML 3Page - Microchip Technology MIC860 Datasheet HTML 4Page - Microchip Technology MIC860 Datasheet HTML 5Page - Microchip Technology MIC860 Datasheet HTML 6Page - Microchip Technology MIC860 Datasheet HTML 7Page - Microchip Technology MIC860 Datasheet HTML 8Page - Microchip Technology MIC860 Datasheet HTML 9Page - Microchip Technology MIC860 Datasheet HTML 10Page - Microchip Technology MIC860 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
0
1
2
3
4
5
6
0
102030405060
OUTPUT CURRENT (mA)
-40°C
+85°C
+25°C
V + = 5V
 2020 Microchip Technology Inc.
DS20006338A-page 7
MIC860
FIGURE 3-7:
Output Voltage vs. Output
Current (Sink).
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
SUPPLY VOLTAGE (±V)
-40°C
+85°C
+25°C
V + = 5V
FIGURE 3-8:
Short-Circuit Current vs.
Supply Voltage (Source).
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
SUPPLY VOLTAGE (±V)
-40°C
+85°C
+25°C
V + = 5V
FIGURE 3-9:
Short-Circuit Current vs.
Supply Voltage (Sink).
0
0.5
1
1.5
2
2.5
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
COMMON-MODE VOLTAGE (V)
-40°C
+85°C
+25°C
V+ = 5V
FIGURE 3-10:
Offset Voltage vs. Common
Mode Voltage.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0.54 1.08 1.62 2.16
2.7
COMMON-MODE VOLTAGE (V)
-40°C
+85°C
+25°C
V + = 2.7V
FIGURE 3-11:
Offset Voltage vs. Common
Mode Voltage.
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.1
1
10
100 1000 10000
RESISTIVE LOAD (k )
V+ = 5V
V + = 2.7V
FIGURE 3-12:
Output Voltage Swing vs.
Resistive Load (Sink).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com