| Electronic Components Datasheet Search |
|
SH7750 Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7750 Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1039 page ![]() Rev. 6.0, 07/02, page xxxvii of I Figure 13.26 Example of 64-Bit Data Width Synchronous DRAM Connection (Area 3) .... 414 Figure 13.27 Example of 32-Bit Data Width Synchronous DRAM Connection (Area 3) .... 415 Figure 13.28 Basic Timing for Synchronous DRAM Burst Read ......................................... 417 Figure 13.29 Basic Timing for Synchronous DRAM Single Read........................................ 418 Figure 13.30 Basic Timing for Synchronous DRAM Burst Write ........................................ 419 Figure 13.31 Basic Timing for Synchronous DRAM Single Write....................................... 421 Figure 13.32 Burst Read Timing ........................................................................................... 423 Figure 13.33 Burst Read Timing (RAS Down, Same Row Address) .................................... 424 Figure 13.34 Burst Read Timing (RAS Down, Different Row Addresses)........................... 425 Figure 13.35 Burst Write Timing .......................................................................................... 426 Figure 13.36 Burst Write Timing (Same Row Address) ....................................................... 427 Figure 13.37 Burst Write Timing (Different Row Addresses) .............................................. 428 Figure 13.38 Burst Read Cycle for Different Bank and Row Address Following Preceding Burst Read Cycle............................................................................. 430 Figure 13.39 Auto-Refresh Operation ................................................................................... 432 Figure 13.40 Synchronous DRAM Auto-Refresh Timing..................................................... 432 Figure 13.41 Synchronous DRAM Self-Refresh Timing ...................................................... 434 Figure 13.42 (1) Synchronous DRAM Mode Write Timing (PALL) ......................................... 436 Figure 13.42 (2) Synchronous DRAM Mode Write Timing (Mode Register Set) ...................... 437 Figure 13.43 Basic Timing of Synchronous DRAM Burst Read (Burst Length = 4)............ 438 Figure 13.44 Basic Timing of a Burst Write to Synchronous DRAM................................... 440 Figure 13.45 Example of the Connection of Synchronous DRAM with 64-bit Bus Width (256 Mbits)....................................................................................................... 441 Figure 13.46 Burst ROM Basic Access Timing .................................................................... 442 Figure 13.47 Burst ROM Wait Access Timing ..................................................................... 443 Figure 13.48 Burst ROM Wait Access Timing ..................................................................... 444 Figure 13.49 Example of PCMCIA Interface ........................................................................ 448 Figure 13.50 Basic Timing for PCMCIA Memory Card Interface........................................ 449 Figure 13.51 Wait Timing for PCMCIA Memory Card Interface ......................................... 450 Figure 13.52 PCMCIA Space Allocation .............................................................................. 451 Figure 13.53 Basic Timing for PCMCIA I/O Card Interface ................................................ 452 Figure 13.54 Wait Timing for PCMCIA I/O Card Interface ................................................. 453 Figure 13.55 Dynamic Bus Sizing Timing for PCMCIA I/O Card Interface ........................ 454 Figure 13.56 Example of 64-Bit Data Width MPX Connection............................................ 456 Figure 13.57 MPX Interface Timing 1 (Single Read Cycle, AnW = 0, No External Wait, Bus Width: 64 Bits) .......... 457 Figure 13.58 MPX Interface Timing 2 (Single Read, AnW = 0, One External Wait Inserted, Bus Width: 64 Bits) ..... 458 Figure 13.59 MPX Interface Timing 3 (Single Write Cycle, AnW = 0, No Wait, Bus Width: 64 Bits)........................ 459 Figure 13.60 MPX Interface Timing 4 (Single Write, AnW = 1, One External Wait Inserted, Bus Width: 64 Bits) .... 460 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |