Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7750 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7750
Description  SuperH RISC engine
PDF  1039 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 82Page - Renesas Technology Corp SH7750 Datasheet HTML 83Page - Renesas Technology Corp SH7750 Datasheet HTML 84Page - Renesas Technology Corp SH7750 Datasheet HTML 85Page - Renesas Technology Corp SH7750 Datasheet HTML 86Page - Renesas Technology Corp SH7750 Datasheet HTML 87Page - Renesas Technology Corp SH7750 Datasheet HTML 88Page - Renesas Technology Corp SH7750 Datasheet HTML 89Page - Renesas Technology Corp SH7750 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 1039 page
background image
Rev. 6.0, 07/02, page 34 of 986
Table 1.4
Pin Functions (cont)
Memory Interface
No.
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
89
N9
A7
O
Address
90
U9
CKIO
O
Clock output
CKIO
91
M9
VDDQ
Power IO VDD (3.3 V)
92
P9
VSSQ
Power IO GND (0 V)
93
T9
CKIO2
O
CKIO*
CKIO
94
M10 A6
O
Address
95
U10
A5
O
Address
96
N10
A4
O
Address
97
R10
VDDQ
Power IO VDD (3.3 V)
98
P10
VSSQ
Power IO GND (0 V)
99
T10
A3
O
Address
100 M11 A2
O
Address
101 U11
DRAK1
O
DMAC1 request
acknowledge
102 N11
DRAK0
O
DMAC0 request
acknowledge
103 R11
VDDQ
Power IO VDD (3.3 V)
104 N12
VSSQ
Power IO GND (0 V)
105 U12
&66
O
Chip select 3
&66
(
&66)
&66
&66
106 P11
&65
O
Chip select 2
&65
(
&65)
&65
&65
107 T11
VDD
Power Internal VDD
(1.5 V)
108 N13
VSS
Power Internal GND
(0 V)
109 R12
5$6
O
5$6
5$6
5$6
110 P12
5'/&$66/
)5$0(
O
Read/
&$6/
)5$0(
2(
&$6
2(
)5$0(
111 U13
VDDQ
Power IO VDD (3.3 V)
112 P13
VSSQ
Power IO GND (0 V)
113 T12
RD/
:5
O
Read/write
RD/
:5 RD/:5 RD/:5
RD/
:5
114 R15
:(5/&$65/
DQM2/
,&,25'
O
D23–D16 select
signal
:(5
&$65
DQM2
,&,25'
115 R13
:(6/&$66/
DQM3/
,&,2:5
O
D31–D24 select
signal
:(6
&$66
DQM3
,&,2:5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com