Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7750 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # SH7750
Description  SuperH RISC engine
PDF  1039 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 69Page - Renesas Technology Corp SH7750 Datasheet HTML 70Page - Renesas Technology Corp SH7750 Datasheet HTML 71Page - Renesas Technology Corp SH7750 Datasheet HTML 72Page - Renesas Technology Corp SH7750 Datasheet HTML 73Page - Renesas Technology Corp SH7750 Datasheet HTML 74Page - Renesas Technology Corp SH7750 Datasheet HTML 75Page - Renesas Technology Corp SH7750 Datasheet HTML 76Page - Renesas Technology Corp SH7750 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1039 page
background image
Rev. 6.0, 07/02, page 21 of 986
Table 1.2
Pin Functions (cont)
Memory Interface
No.
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
225
D8
A1
O
Address
226
A8
STATUS0
O
Status
227
B8
STATUS1
O
Status
228
A7
MD6/
,2,649
I
Mode/
,2,649
(PCMCIA)
MD6
,2,649
229
C9
VDDQ
Power IO VDD (3.3 V)
230
D9
VSSQ
Power IO GND (0 V)
231
B7
$6(%5./
BRKACK
I/O
Pin break/
acknowledge
(H-UDI)
232
A6
TDO
O
Data out
(H-UDI)
233
C7
VDD
Power Internal VDD
234
D7
VSS
Power Internal GND
(0 V)
235
B6
TMS
I
Mode
(H-UDI)
236
A5
TCK
I
Clock
(H-UDI)
237
B5
TDI
I
Data in
(H-UDI)
238
C4
7567
I
Reset
(H-UDI)
239
C3
&.,25(1% ICKIO2, 5'5,
RD/
:55
enable
240
C6
NC
241
A4
VDD-PLL2
Power PLL2 VDD
(3.3V)
242
D6
VSS-PLL2
Power PLL2 GND (0V)
243
B4
VDD-PLL1
Power PLL1 VDD
(3.3V)
244
D5
VSS-PLL1
Power PLL1 GND (0V)
245
A3
VDD-CPG
Power CPG VDD
(3.3V)
246
B3
VSS-CPG
Power CPG GND (0V)
247
A2
XTAL
O
Crystal
resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com