Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2229DEVB Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPA2229DEVB
Description  34 ??36 GHz 13 Watt GaN Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2229DEVB Datasheet(HTML) 1 Page - Qorvo, Inc

  QPA2229DEVB Datasheet HTML 1Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 2Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 3Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 4Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 5Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 6Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 7Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 8Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary
QPA2229D
34 – 36 GHz 13 Watt GaN Power Amplifier
Data Sheet Rev. B, June, 2020 | Subject to change without notice
1 of 24
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Functional Block Diagram
Product Overview
Qorvo's QPA2229D is a high power MMIC amplifier
fabricated on Qorvo's production 0.15 um GaN on SiC
process (QGaN15). Operating between 34
 – 36 GHz, it
provides 13 W of saturated output power with 14 dB of large
signal gain.
To simplify system integration, the QPA2229D is fully
matched to 50 ohms with integrated DC blocking caps on
both I/O ports. Its RF ports are DC coupled to ground for
optimum ESD performance.
The QPA2229D is 100% DC and RF tested on-wafer to
ensure compliance to electrical specifications.
Lead-free and RoHS compliant
Key Features
 Frequency Range: 34  – 36 GHz
 PSAT (PIN = 27 dBm): 41.2 dBm
 PAE (PIN = 27 dBm): > 15 %
 Power Gain (PIN = 27 dBm): 14 dB
 Small Signal Gain: > 5 dB
 Bias: Pulsed, VD = +28 V, IDQ = 50 mA, VG = -2.5 V typ.
 Die Dimensions: 3.29 x 2.60 x 0.05 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots for
more details.
Applications
 Radar
 Satellite Communications
Ordering Information
Part No.
Description
QPA2229D
34
 – 36 GHz 13 Watt GaN Amplifier
QPA2229DEVB Evaluation Board for QPA2229D
RF OUT
RF IN
VG123
VG4
VG4
VD123
VD4


Similar Part No. - QPA2229DEVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2225 QORVO-QPA2225 Datasheet
855Kb / 22P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
Dec. 2021
QPA2225D QORVO-QPA2225D Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
QPA2225D QORVO-QPA2225D Datasheet
1Mb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
May 2021
QPA2225DEVBA QORVO-QPA2225DEVBA Datasheet
722Kb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
QPA2225DEVBA QORVO-QPA2225DEVBA Datasheet
1Mb / 23P
28 ??38 GHz 0.4 Watt GaN Driver Amplifier
May 2021
More results

Similar Description - QPA2229DEVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2239 TRIQUINT-TGA2239_15 Datasheet
681Kb / 15P
13 15.5 GHz 35 W GaN Power Amplifier
QPA1001 TRIQUINT-QPA1001 Datasheet
1Mb / 15P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
logo
Qorvo, Inc
QPA2226D QORVO-QPA2226D Datasheet
1Mb / 24P
34 ??36 GHz 20 Watt GaN Power Amplifier
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
27 ??31 GHz 7 Watt GaN Power Amplifier
QPA1001 QORVO-QPA1001 Datasheet
741Kb / 17P
3.1 ??3.5 GHz 60 Watt GaN Power Amplifier
QPB1111 QORVO-QPB1111 Datasheet
890Kb / 11P
34 ??36 GHz 250 Watt GaN SSPA
TGA2307-SM QORVO-TGA2307-SM Datasheet
601Kb / 16P
4.5-6.5 GHz 50 Watt GaN Power Amplifier
TGA2239 QORVO-TGA2239 Datasheet
535Kb / 15P
13 ??15.5 GHz 35 W GaN Power Amplifier
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com