Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2229DEVB Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPA2229DEVB
Description  34 ??36 GHz 13 Watt GaN Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2229DEVB Datasheet(HTML) 2 Page - Qorvo, Inc

  QPA2229DEVB Datasheet HTML 1Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 2Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 3Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 4Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 5Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 6Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 7Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 8Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Preliminary
QPA2229D
34 – 36 GHz 13 Watt GaN Power Amplifier
Data Sheet Rev. B,Oct., 2020 | Subject to change without notice
2 of 24
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Recommended Operating Conditions
Parameter
Min
Typ.
Max Units
Pulsed RF (or VD)
DC = 50%, PW = 50 us
Drain Voltage (VD)
+28
V
Drain Current, Quiescent (IDQ)
50
150
mA
Drain Current, RF (ID_Drive)
See plot page 14
mA
Gate Voltage Typ. Range (VG)
−2 to -2.9
V
Gate Current, RF (IG_Drive)
See plot page 14
mA
Input Power @ Saturation, (PIN)
-40 °C: 20
dBm
+25 °C: 22
+85 °C: 27
Operating Temp. Range (TBASE)
−40
+85
ºC
Electrical
specifications
are
measured
at
specified
test
conditions.
Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Value / Range
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
-6 V to 0 V
Drain Current (ID123)
2.01 A
Drain Current (ID4)
1.44 A
Gate Current (IG)
See plot page 17
Power Dissipation (PDISS), 85 °C
Pulsed, 130 W
CW, 95 W
Input Power (PIN), Pulsed RF,
50 Ω,
VD = 28 V, IDQ = 50 mA, DC = 50%,
PW = 50 us, TBASE = 125 °C
35 dBm*
Input Power (PIN), Pulsed RF, 3:1
VSWR, VD = 28 V, IDQ = 50 mA, DC =
50%, PW = 50 us, TBASE = 125 °C
30 dBm*
Mounting Temperature (30 seconds)
320 ºC
Storage Temperature
-55 to +150 ºC
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions
is not implied.
* Robustness guaranteed over 34 - 36 GHz.
Out of band
operation not recommended
Electrical Specifications
Parameter
Conditions (1) (2)
Min
Typ.
Max
Units
Operational Frequency Range
34
36
GHz
Output Power at Saturation, PSAT PIN = +27 dBm, Pulsed
41.2
dBm
Power Added Efficiency, PAE
PIN = +27 dBm, Pulsed
> 15
%
Large Signal Gain
PIN = +27 dBm, Pulsed
14
dB
Small Signal Gain, S21
CW
> 5
dB
Input Return Loss, IRL
CW
10
dB
Output Return Loss, ORL
CW
10
dB
PSAT Temperature Coefficient
TDIFF =
−40 ºC to +85 ºC; PIN = +27 dBm, Pulsed
-0.33
dBm/ºC
S21 Temperature Coefficient
TDIFF =
−40 ºC to +85 ºC, CW
-0.15
dB/ºC
Notes:
1.
Test conditions unless otherwise noted: Pulsed RF, VD = +28 V, IDQ = 50 mA, VG = -2.5V +/- typical, DC = 50%, PW = 50 us,
TBASE
 = +25 ºC, Z0 = 50 Ω
2.
TBASE is back side of 20 mil CuMo carrier plate with AuSn solder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com