Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2229DEVB Datasheet(PDF) 12 Page - Qorvo, Inc

Part # QPA2229DEVB
Description  34 ??36 GHz 13 Watt GaN Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2229DEVB Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QPA2229DEVB Datasheet HTML 8Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 9Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 10Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 11Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 12Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 13Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 14Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 15Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Preliminary
QPA2229D
34 – 36 GHz 13 Watt GaN Power Amplifier
Data Sheet Rev. B,Oct., 2020 | Subject to change without notice
12 of 24
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Performance Plots – Large Signal
Test conditions, unless otherwise noted: Pulsed VD, VD = 28 V, IDQ = 50 mA, Duty Cycle = 10%, PW = 200 us, PIN = 27 dBm, TBASE =
+25 ºC
5
6
7
8
9
10
11
12
13
14
15
16
33
33.5
34
34.5
35
35.5
36
36.5
37
Frequency (GHz)
Power Gain vs. Freq. vs. Temp.
-40 C
+25 C
+85 C
-10
-5
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
34 GHz
35 GHz
36 GHz
T
BASE = -40
0C
5
6
7
8
9
10
11
12
13
14
15
16
33
33.5
34
34.5
35
35.5
36
36.5
37
Frequency (GHz)
Power Gain vs. Freq. vs. V
D
24 V
26 V
28 V
-10
-5
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
34 GHz
35 GHz
36 GHz
T
BASE = +25
0C
5
6
7
8
9
10
11
12
13
14
15
16
33
33.5
34
34.5
35
35.5
36
36.5
37
Frequency (GHz)
Power Gain vs. Freq. vs. I
DQ
50 mA
75 mA
100 mA
-10
-5
0
5
10
15
20
25
30
35
6
8
10
12
14
16
18
20
22
24
26
28
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
34 GHz
35 GHz
36 GHz
T
BASE = +85
0C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com