Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2229DEVB Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPA2229DEVB
Description  34 ??36 GHz 13 Watt GaN Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2229DEVB Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPA2229DEVB Datasheet HTML 16Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 17Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 18Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 19Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 20Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 21Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 22Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 23Page - Qorvo, Inc QPA2229DEVB Datasheet HTML 24Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary
QPA2229D
34 – 36 GHz 13 Watt GaN Power Amplifier
Data Sheet Rev. B,Oct., 2020 | Subject to change without notice
21 of 24
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
* Qorvo EVB built for VD pulsed
Bill of Materials
Reference Des.
Value
Description
Manuf.
Part Number
C1, C10
10 uF
CAP, 10uF, 20%, 50V, 20%, X5R, 1206
Various
C2, C6, C8, C9,
C13, C15
0.01 uF
CAP, 0.01uF, ±10%, 50V, X7R, 0402
Various
C5, C7, C14, C16 *
1 uF
For VD pulsed; CAP, 1uF, ±5%, 50V, X7R,
1206
Various
10 uF
For RF pulsed; CAP, 10uF, 20%, 50V, 20%,
X5R, 1206
Various
C17
– C22
820 pF
CAP, 820pF, ±10%, 50V, SL
Various
R1, R2, R9, R10
5.1
Ω
RES, 5.1 Ohm, 5%, 50V, 0402
Various
R5, R14
0 Ω
RES, 0 Ohm, 1/10W, 0603
Various
R6, R7, R8, R13,
R15, R16
0 Ω
RES, 0 Ohm, JMPR, 0402
Various
H1, H2
-
CONN, HDR, Male-vert, 7 PIN, 1 RAW, MTA
Various
J1, J2
-
Connector, RF 2.4mm, 1492-04A-5
Southwest Microwave
1492-04A-5
CP
-
Carrier Plate, CuMo, 0.9 x 1.15 x 0.02T
Various
Custom
PCB_MMIC
-
PCB for MMIC, Rogers 6202 0.005in, 0.5oz
Ni/Au plating both sides, total thickness 0.009in
Various
Custom
PCB,_Bias
-
PCB for DC Bias
Various
Custom
H-Block
-
H-Block, Copper C110, 1.14 x 2.49 x 0.59T
Various
Custom
AuSn
-
AuSn Solder preform
Epoxy
-
Epoxy preform
Ablebond
-
Epoxy, Ablebond 84-1LMI
Solder
-
Paste, solder, Syntech, Sn62/Pb36/Ag2
TC
-
Thermal Compound, Silver 5GR
S1
– S12
-
Screw, Cap, Socket Head, 2-
56X1/8”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com