Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010200 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1010200
Description  Assembled IDC female connector, Displacement connection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1010200 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1010200 Datasheet HTML 1Page - PHOENIX CONTACT 1010200 Datasheet HTML 2Page - PHOENIX CONTACT 1010200 Datasheet HTML 3Page - PHOENIX CONTACT 1010200 Datasheet HTML 4Page - PHOENIX CONTACT 1010200 Datasheet HTML 5Page - PHOENIX CONTACT 1010200 Datasheet HTML 6Page - PHOENIX CONTACT 1010200 Datasheet HTML 7Page - PHOENIX CONTACT 1010200 Datasheet HTML 8Page - PHOENIX CONTACT 1010200 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1010200 FP 1,27/ 68-FWL-21/.../...
REF 1714902
PHOENIX CONTACT
3 / 10
2020-02-26
Product version 00
Document revision 02
4
General Technical Data
Order No.
1010200
Type
FP 1,27/ 68-FWL-21/.../...
Plug-in system
FINEPITCH 1,27 mm
Product type
Assembled IDC female connector
Type of contact
Female connector
Range of articles
FP 1,27/...-FWL
Pitch
1.27 mm
Range of positions
12...80
Number of positions
68
Number of levels
2
Connection method
Displacement connection
Type of locking
Snap-in locking
Self-locking flange
Connection direction of the conductor to the PCB
90 °
4.1
item properties
Note on application
Please observe the application note on self-assembly in the download area.
Note regarding documentation
Current documents such as 3D models, products family drawings, data sheets or
packaging drawings are available in the Download Center.
4.2
General information



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com