Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010200 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1010200
Description  Assembled IDC female connector, Displacement connection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1010200 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1010200 Datasheet HTML 1Page - PHOENIX CONTACT 1010200 Datasheet HTML 2Page - PHOENIX CONTACT 1010200 Datasheet HTML 3Page - PHOENIX CONTACT 1010200 Datasheet HTML 4Page - PHOENIX CONTACT 1010200 Datasheet HTML 5Page - PHOENIX CONTACT 1010200 Datasheet HTML 6Page - PHOENIX CONTACT 1010200 Datasheet HTML 7Page - PHOENIX CONTACT 1010200 Datasheet HTML 8Page - PHOENIX CONTACT 1010200 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1010200 FP 1,27/ 68-FWL-21/.../...
REF 1714902
PHOENIX CONTACT
4 / 10
2020-02-26
Product version 00
Document revision 02
5
Mechanical tests
Insertion and withdrawal force per contact
approx. 0.5 N
5.1
Insertion and withdrawal force per contact
Service life
500 Insertion/withdrawal cycles, Performance level 1
5.2
Service life
Nominal current at 20 °C
1.2 A IEC 60512-5-2:2002-02 (50-pos.)
Test voltage
500 V AC IEC 60512-4-1:2003
5.3
Electrical data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com