Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010200 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1010200
Description  Assembled IDC female connector, Displacement connection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1010200 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1010200 Datasheet HTML 1Page - PHOENIX CONTACT 1010200 Datasheet HTML 2Page - PHOENIX CONTACT 1010200 Datasheet HTML 3Page - PHOENIX CONTACT 1010200 Datasheet HTML 4Page - PHOENIX CONTACT 1010200 Datasheet HTML 5Page - PHOENIX CONTACT 1010200 Datasheet HTML 6Page - PHOENIX CONTACT 1010200 Datasheet HTML 7Page - PHOENIX CONTACT 1010200 Datasheet HTML 8Page - PHOENIX CONTACT 1010200 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Assembled IDC female connector, Displacement
connection
Order No.: 1010200
Type: FP 1,27/ 68-FWL-21/.../...
Data sheet
1
Main features
2
Your advantages
 No. of pos.
68
 Nominal current
1.2 A
 Connection method
Displacement connection
 Test voltage
500 V AC
 Color
black (9005)
 Connection direction
 Pitch
1.27 mm
 Type of packaging
 Assembly
Assembly variant 21
Gold-plated contacts ensure transfer quality remains stable over the long term
Compact, high-position board-to-board or wire-to-board connectors for space-saving device designs
Can be ordered pre-assembled: IDC female connectors with flat-ribbon cable enable immediate use in the device
IEC
1,2A
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1010200
2020-02-26
Product version 00
The figure shows a 12-pos. version with 12 con-
tacts
Document revision 02


Similar Part No. - 1010200

ManufacturerPart #DatasheetDescription
logo
Theben AG
1010200 THEBEN-1010200 Datasheet
660Kb / 3P
Präsenzmelder & Bewegungsmelder Wandmontage außen
22.11.2024
logo
Lapp.
10102000 LAPP-10102000 Datasheet
124Kb / 2P
EPIC® H-B 24 AG
17.09.2018
logo
Weidmuller
1010200000 WEIDMULLER-1010200000 Datasheet
617Kb / 9P
PE terminal, Screw connection, 6 mm짼, 720 A (6 mm짼), Green/yellow
September 27, 2021
logo
AG Electronica
101020004 AGELECTRONICA-101020004 Datasheet
421Kb / 1P
INTERRUPTOR (P) CON ITERFAZ GROVE
14/11/2022
101020024 AGELECTRONICA-101020024 Datasheet
446Kb / 1P
SHIELD COMPATIBLE CON ARDUINO MEGA PARA INTERFAZ GROVE
26/10/2022
More results

Similar Description - 1010200

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
Assembled IDC female connector, Displacement connection
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
Assembled IDC female connector, Displacement connection
1010258 PHOENIX-1010258 Datasheet
588Kb / 10P
Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com