Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1010200 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1010200
Description  Assembled IDC female connector, Displacement connection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1010200 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1010200 Datasheet HTML 2Page - PHOENIX CONTACT 1010200 Datasheet HTML 3Page - PHOENIX CONTACT 1010200 Datasheet HTML 4Page - PHOENIX CONTACT 1010200 Datasheet HTML 5Page - PHOENIX CONTACT 1010200 Datasheet HTML 6Page - PHOENIX CONTACT 1010200 Datasheet HTML 7Page - PHOENIX CONTACT 1010200 Datasheet HTML 8Page - PHOENIX CONTACT 1010200 Datasheet HTML 9Page - PHOENIX CONTACT 1010200 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1010200 FP 1,27/ 68-FWL-21/.../...
REF 1714902
PHOENIX CONTACT
6 / 10
2020-02-26
Product version 00
Document revision 02
7
Environmental and durability tests
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 2000 - 10 Hz
Sweep speed
1 octave/min
Amplitude
1.5 mm (10 - 60.1 Hz)
Acceleration
20g (60.1 - 2000 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Note
7.1
Vibration test
Specification
IEC 60068-2-27:2008-02
Result
Test passed
Pulse shape
Semi-sinusoidal
Peak acceleration
50g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
7.2
Shock test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com