Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC256K16EO Datasheet(PDF) 23 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 23 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16EO Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 25Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 23 of 25
Supply voltage (V)
2.7
3.6
3.9
3.3
3.0
0
5
15
20
10
25
30
35
Typical refresh current ICC3
Ambient temperature (°C)
0.0
60
80
40
20
Typical refresh current ICC3
Supply voltage (V)
2.7
3.6
3.9
3.3
3.0
0
0.5
1.5
2.0
1.0
2.5
3.0
3.5
Typical TTL stand-by current ICC2
vs. Ambient temperature Ta
vs. supply voltage VCC
vs. supply voltage VCC
0
5
15
20
10
25
30
35
Ambient temperature (°C)
060
80
40
20
0.0
0.5
1.5
2.0
1.0
2.5
3.0
3.5
Typical TTL stand-by current ICC2
Output voltage (V)
0.0
1.5
2.0
1.0
0.5
0.0
10
30
40
20
50
60
70
Typical output sink current IOL
Output voltage (V)
0.0
3.0
4.0
2.0
1.0
0.0
10
30
40
20
50
60
70
Typical output source current IOH
vs. output voltage VOL
vs. output voltage VOH
vs. ambient temperature Ta
Ambient temperature (°C)
060
80
40
20
0.0
5
15
20
10
25
30
35
Typical EDO page mode current ICC4
Supply voltage (V)
2.7
3.6
3.9
3.3
3.0
0.0
5
15
20
10
25
30
35
Typical EDO page mode current ICC4
vs. supply voltage VCC
vs. ambient temperature Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com