Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC256K16EO Datasheet(PDF) 24 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 24 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16EO Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 25Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 24 of 25
Package dimensions
Capacitance
ƒ = 1 MHz, Ta = room temperature, VCC = 3.3V ± 0.3V)
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN1
A0 to A8
Vin = 0V
5
pF
CIN2
RAS, UCAS, LCAS, WE, OE Vin = 0V
7
pF
I/O capacitance
CI/O
I/O0 to I/O15
Vin = Vout = 0V
7
pF
44-pin TSOP II
Min
(mm)
Max
(mm)
A
1.2
A1
0.05
A2
0.95
1.05
b0.30
0.45
c
0.127 (typical)
D
18.28
18.54
E
10.03
10.29
He
11.56
11.96
e
0.80 (typical)
l
0.40
0.60
D
He
1
234
567
89 10
13 14
44 43 42 41 40 39 38 37 36 35
32 31
15 16
30 29
17 18 19 20
28 27 26 25
c
l
A1
A2
e
44-pin TSOP II
0–5°
21
24
22
23
E
A
b
40-pin SOJ
400 mil
Min
Max
A
0.128
0.148
A1
0.026
-
A2
1.105
1.115
B
0.026
0.032
b
0.015
0.020
c
0.007
0.013
D
1.020
1.035
E
0.370 (typical)
E1
0.395
0.405
E2
0.435
0.445
e
0 050 (typical)
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
Plane
E2
A
40-pin SOJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com