Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC256K16EO Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4LC256K16EO Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 3 of 25
Absolute maximum ratings
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may affect reliability.
DC electrical characteristics
Parameter
Symbol
Min
Max
Unit
Input voltage
Vin
-1.0
+7.0
V
Output voltage
Vout
-1.0
+7.0
V
Power supply voltage
VCC
-1.0
+7.0
V
Operating temperature
TOPR
0+70
°C
Storage temperature (plastic)
TSTG
-55
+150
°C
Soldering temperature
× time
TSOLDER
–260
× 10
oC
× sec
Power dissipation
PD
–1
W
Short circuit output current
Iout
–50
mA
Latch-up current
200
–
mA
Parameter
Symbol
Test conditions
-35
-45
-60
Unit
Note
MinMax
MinMax
MinMax
Input leakage
current
IIL
0V
≤ V
in ≤ +5.5V
pins not under test = 0V
-1010-10
10
-1010
µA
Output leakage
current
IOL
DOUT disabled,
0V
≤ V
out ≤ +5.5V
-1010-10
10
-1010
µA
Operating power
supply current
ICC1
RAS, UCAS, LCAS, address cycling;
tRC=min
–70
–
60
–50
mA
1,2
TTL standby power
supply current
ICC2
RAS = UCAS = LCAS = VIH
–200
–200
–200
µA
Average power
supply current, RAS
refresh mode
ICC3
RAS cycling,
UCAS = LCAS = VIH,
tRC = min
–50
–
45
–40
mA
1
EDO page mode
average power
supply current
ICC4
RAS=UCAS=LCAS=VIL,
address cycling: tSC = min
–40
–
35
–35
mA
1,2
CMOS standby
power supply
current
ICC5
RAS=UCAS=LCAS= VCC - 0.2V
–
400
–
400
–
400
µA
CAS-before-RAS
refresh power
supply current
ICC6
RAS, UCAS, LCAS, cycling;
tRC = min
–50
–
50
–50
mA
1
Output Voltage
VOH
IOUT = -2 mA
2.4
–
2.4
–
2.4
–
V
VOL
IOUT = 2 mA
–0.4
–0.4
–0.4
V
Self refresh current
ICC7
RAS = UCAS = LCAS=VIL,
WE = OE = A0-A8 = VCC-0.2V,
DQ0-DQ15 = VCC-0.2V,
0.2V are open
-
400
-
400
-
400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com