Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4LC256K16EO Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4LC256K16EO
Description  3.3V 256K X 16 CMOS DRAM (EDO)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC256K16EO Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4LC256K16EO Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC256K16EO Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
®
AS4LC256K16EO
4/11/01; V.1.1
Alliance Semiconductor
P. 8 of 25
Notes
1ICC1, ICC3, ICC4, and ICC6 depend on cycle rate.
2ICC1 and ICC4 depend on output loading. Specified values are obtained with the output open.
3
An initial pause of 200
µs is required after power-up followed by any 8 RAS cycles before proper device operation is achieved. In the case of an internal
refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 8 initialization cycles are required after
extended periods of bias without clocks (greater than 8 ms).
4
AC Characteristics assume tT = 5 ns. All AC parameters are measured with a load equivalent to two TTL loads and 60 pF, VIL (min) ≥ GND and VIH (max)
≤ V
CC.
5VIH (min) and VIL (max) are reference levels for measuring timing of input signals. Transition times are measured between VIH and VIL.
6
Operation within the tRCD (max) limit insures that tRAC (max) can be met. tRCD (max) is specified as a reference point only. If tRCD is greater than the
specified tRCD (max) limit, then access time is controlled exclusively by tCAC.
7
Operation within the tRAD (max) limit insures that tRAC (max) can be met. tRAD (max) is specified as a reference point only. If tRAD is greater than the
specified tRAD (max) limit, then access time is controlled exclusively by tAA.
8
Assumes three state test load (5 pF and a 380
Ω Thevenin equivalent).
9Either tRCH or tRRH must be satisfied for a read cycle.
10 tOFF (max) defines the time at which the output achieves the open circuit condition; it is not referenced to output voltage levels.
11 tWCS, tWCH, tRWD, tCWD and tAWD are not restrictive operating parameters. They are included in the datasheet as electrical characteristics only. If tWS ≥ tWS
(min) and tWH ≥ tWH (min), the cycle is an early write cycle and data out pins will remain open circuit, high impedance, throughout the cycle. If tRWD
≥ t
RWD (min), tCWD ≥ tCWD (min) and tAWD ≥ tAWD (min), the cycle is a read-write cycle and the data out will contain data read from the selected cell.
If neither of the above conditions is satisfied, the condition of the data out at access time is indeterminate.
12 These parameters are referenced to CAS leading edge in early write cycles and to WE leading edge in read-write cycles.
13 Access time is determined by the longest of tCAA or tCAC or tCAP.
14 tASC ≥ tCP to achieve tPC (min) and tCAP (max) values.
15 These parameters are sampled and not 100% tested.
Key to switching waveform
Read cycle waveform
Undefined/don’t care
Falling input
Rising input
tRAS
tRC
tRP
tRSH
tRAD
tRCH
tOFF
RAS
UCAS,
Address
WE
OE
I/O
Col Address
Row Address
tCRP
tCSH
tRCD
tASC
tCAH
tCAS
tAR
tRAL
tRAH
tRCS
tAA
tCLZ
tRRH
Data Out
tASR
tRAC
tROH
tOEA
tCAC
tOEZ
LCAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com