Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2113 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA2113 Datasheet HTML 1Page - Qorvo, Inc RFSA2113 Datasheet HTML 2Page - Qorvo, Inc RFSA2113 Datasheet HTML 3Page - Qorvo, Inc RFSA2113 Datasheet HTML 4Page - Qorvo, Inc RFSA2113 Datasheet HTML 5Page - Qorvo, Inc RFSA2113 Datasheet HTML 6Page - Qorvo, Inc RFSA2113 Datasheet HTML 7Page - Qorvo, Inc RFSA2113 Datasheet HTML 8Page - Qorvo, Inc RFSA2113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
RFSA2113
Wide Bandwidth Voltage Controlled Attenuator
Data Sheet, September 2, 2016 | Subject to change without notice
1 of 19
www.qorvo.com
®
Product Features
 Patented Circuit Architecture
 Broadband 50 MHz to 18,000 MHz Frequency Range
 30 dB Attenuation Range
 +45 dBm IIP3 Typical
 +75 dBm IIP2 Typical
 High 1 dB Compression Point +29 dBm
 Low Supply Current 2 mA Typical
 +3 to +5 V Power Supply
 Linear in dB Control Characteristic
 Internal Temperature Compensation
 Class 1C HBM ESD (≥1000 V)
16 Pin, 3.2
 mm x 3.2 mm x 1.175 mm SMT Package
Applications
 Point to Point Radio
 Test Instrumentation
 Microwave Radio
 High Linearity Power Control
Product Description
The RFSA2113 is a fully monolithic analog voltage
controlled attenuator (VCA) featuring exceptional linearity
over a typical temperature compensated 30 dB gain control
range. The RFSA2113 features a wide bandwidth up to
18 GHz. This VCA incorporates a revolutionary new circuit
architecture to solve a long standing industry problem: high
IP3, high attenuation range, low DC current, broad
bandwidth and temperature compensated linear in dB
control voltage characteristic.
The RFSA2113 attenuation level is set by a single positive
control voltage with on chip DC conditioning circuitry. The
slope polarity of the control voltage versus gain is
selectable. The RFSA2113 draws a very low 2 mA current.
This attenuator is matched to 50 Ω over its rated control
range
and
frequency
with
no
external
matching
components required.
Functional Block Diagram
Typical VCA’s in this performance range are based on
compound semiconductor GaAs FET MMICs that require 1
to 2 negative voltages for control. This game changing
product incorporates the complete solution in a small
3.2 mm x 3.2 mm multi-chip laminate module that reduces
the footprint in area and simplifies the control aspects over
conventional
compound
semiconductor
attenuator
approaches.
Ordering Information
Part No.
Description
RFSA2113SQ
Sample bag with 25 pieces
RFSA2113SR
7” Reel with 100 pieces
RFSA2113TR13
13” Reel with 2500 pieces
RFSA2113PCK-410
50 MHz to 18,000 MHz PCBA with 5-piece sample bag
2
3
4
1
EN
GND
RFIN
GND
11
10
9
12
CONTROL
BLOCK
ATTEN.
GND
GND
RFOUT
GND


Similar Part No. - RFSA2113

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2113 RFMD-RFSA2113 Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
RFSA2113PCK-410 RFMD-RFSA2113PCK-410 Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
RFSA2113SQ RFMD-RFSA2113SQ Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
RFSA2113SR RFMD-RFSA2113SR Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
RFSA2113TR13 RFMD-RFSA2113TR13 Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
More results

Similar Description - RFSA2113

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DCMO1545 SYNERGY-DCMO1545 Datasheet
307Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 150 - 450 MHz
DCMO190410-5 SYNERGY-DCMO190410-5 Datasheet
316Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 1900-4100 MHz
DCMO110250-8 SYNERGY-DCMO110250-8 Datasheet
345Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT WIDE BANDWIDTH 1100-2500 MHz
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
logo
M/A-COM Technology Solu...
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
VOLTAGE CONTROLLED ATTENUATOR
RFSA2113 RFMD-RFSA2113 Datasheet
3Mb / 18P
Wide Bandwidth Voltage Controlled Attenuator
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
Voltage Controlled Attenuator Module
logo
Qorvo, Inc
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
Voltage Controlled Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com