Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2113 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSA2113 Datasheet HTML 1Page - Qorvo, Inc RFSA2113 Datasheet HTML 2Page - Qorvo, Inc RFSA2113 Datasheet HTML 3Page - Qorvo, Inc RFSA2113 Datasheet HTML 4Page - Qorvo, Inc RFSA2113 Datasheet HTML 5Page - Qorvo, Inc RFSA2113 Datasheet HTML 6Page - Qorvo, Inc RFSA2113 Datasheet HTML 7Page - Qorvo, Inc RFSA2113 Datasheet HTML 8Page - Qorvo, Inc RFSA2113 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RFSA2113
Wide Bandwidth Voltage Controlled Attenuator
Data Sheet, September 2, 2016 | Subject to change without notice
2 of 19
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Range / Value
Units
Exceeding these absolute maximum ratings
during operation of this device may cause
permanent damage.
Device Voltage (VDD)
−0.5 to +6
V
SLOPE, VC, EN Pins
−0.5 to +6
V
RF Input Power
 (1)
+23
dBm
Storage Temperature
−55 to +150
°C
Junction Temperature ( Tj)
+125
°C
Notes:
1. Peak power of +29
 dBm allowable when RMS power does not exceed +23 dBm.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Electrical specifications are measured under
bias, signal and temperature conditions as
specified. Specifications are not guaranteed
over all recommended operating conditions.
Device Voltage (VDD)
+3.0
+5.0
+5.5
V
TCASE
−40
+85
°C
Electrical Specifications
Parameter
Conditions (1)
Min
Typ
Max
Units
Operational Frequency Range
50
18000
MHz
Minimum Insertion Loss
1 GHz
2
2.8
dB
10 GHz
3
4.5
18 GHz
4.5
Gain Control Range
1 GHz
32
34
dB
10 GHz
30
32
18 GHz
28
Gain vs. Temperature
Peak to peak gain variation over temperature for fixed
control voltage
1
dB
Return Loss
15
dB
Relative Phase
Insertion phase at 15 dB attenuation relative to
minimum insertion loss
14
°Degrees
Input1dB Compression Point
Peak power of +29 dBm allowable when RMS power
does not exceed +23 dBm. *Not Production Tested
+22
+29
dBm
Input IP3
PIN + (IM3dBC 
/ 2)
+38
+45
dBm
Input IP2
PIN + IM2dBC, IM2 is F1+F2
+75
dBm
Input IH2
PIN + H2dBC, H2 is second harmonic
+80
dBm
Input IH3
PIN + (H3dBC
 / 2), H3 is third harmonic
+50
dBm
Device Current, IDD
2
3.5
mA
Thermal Resistance, θjc
Junction to case
175
°C/W
Voltage Control Range, Positive
Attenuation Slope
+2.5 V control voltage is lowest insertion loss, SLOPE
pin logic high
0
+2.5
V
Voltage Control Range, Negative
Attenuation Slope
0
 V control voltage is lowest insertion loss, SLOPE pin
logic low
0
+2.5
V
Voltage Control Pin Current
VC pin set to +2.5 V
1.2
µA
SLOPE and EN Pins Logic Low
+0.4
V
SLOPE and EN Pins Logic High
+1
V
Settling Time
1 dB atten. change settling within 0.1 dB of final value.
2
µsec
Notes:
1. Test conditions unless otherwise noted: VDD=+5 V, Temp.=+25 °C, 50 Ω system, Freq.=10 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com