Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 14 Page - Qorvo, Inc

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2113 Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button RFSA2113 Datasheet HTML 10Page - Qorvo, Inc RFSA2113 Datasheet HTML 11Page - Qorvo, Inc RFSA2113 Datasheet HTML 12Page - Qorvo, Inc RFSA2113 Datasheet HTML 13Page - Qorvo, Inc RFSA2113 Datasheet HTML 14Page - Qorvo, Inc RFSA2113 Datasheet HTML 15Page - Qorvo, Inc RFSA2113 Datasheet HTML 16Page - Qorvo, Inc RFSA2113 Datasheet HTML 17Page - Qorvo, Inc RFSA2113 Datasheet HTML 18Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
RFSA2113
Wide Bandwidth Voltage Controlled Attenuator
Data Sheet, September 2, 2016 | Subject to change without notice
14 of 19
www.qorvo.com
®
Measured Negative Attenuation Slope Performance
Test conditions unless otherwise noted:
VDD=+3 V, Temp=+25 °C, includes PCB and connector losses.
-25
0
25
50
75
100
125
150
175
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Voltage Control (V)
Relative Insertion Phase vs. Voltage Control
100 MHz
1 GHz
3 GHz
6 GHz
10 GHz
13 GHz
16 GHz
18 GHz
V
DD=+3 V
Temp.=+25 °C
-25
0
25
50
75
100
125
150
175
-40
-35
-30
-25
-20
-15
-10
-5
0
Attenuation (dB)
Relative Insertion Phase vs. Attenuation
100 MHz
1 GHz
3 GHz
6 GHz
10 GHz
13 GHz
16 GHz
18 GHz
V
DD=+3 V
Temp.=+25 °C
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Voltage Control (V)
Attenuation Relative to +25
°C
+85 °C
−40 °C
Freq.=10 GHz
V
DD=+3 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Voltage Control (V)
Supply Current vs. Voltage Control
+85 °C
+25 °C
−40 °C
Freq.=10 GHz
V
DD=+3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com