Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFSA2113 Datasheet(PDF) 17 Page - Qorvo, Inc

Part # RFSA2113
Description  Wide Bandwidth Voltage Controlled Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2113 Datasheet(HTML) 17 Page - Qorvo, Inc

Back Button RFSA2113 Datasheet HTML 11Page - Qorvo, Inc RFSA2113 Datasheet HTML 12Page - Qorvo, Inc RFSA2113 Datasheet HTML 13Page - Qorvo, Inc RFSA2113 Datasheet HTML 14Page - Qorvo, Inc RFSA2113 Datasheet HTML 15Page - Qorvo, Inc RFSA2113 Datasheet HTML 16Page - Qorvo, Inc RFSA2113 Datasheet HTML 17Page - Qorvo, Inc RFSA2113 Datasheet HTML 18Page - Qorvo, Inc RFSA2113 Datasheet HTML 19Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
RFSA2113
Wide Bandwidth Voltage Controlled Attenuator
Data Sheet, September 2, 2016 | Subject to change without notice
17 of 19
www.qorvo.com
®
Pin Configuration and Description
Pin No.
Label
Description
1
EN
Supply Current Enable Control. Connect to Logic Low to Enable. Connect to Logic High to Disable
2
GND
Ground Pin
3
RFIN
RF Input. Use External DC Block. RF input must be this pin to ensure linearity and thermal resistance
specifications.
4
GND
Ground Pin
5
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
GND
Ground Pin
10
RFOUT
RF Output. Use External DC Block. RF output must be this pin to ensure linearity and thermal resistance
specifications.
11
GND
Ground Pin
12
GND
Ground Pin
13
SLOPE
Attenuation Slope Control
Connect to Logic Low to Enable Negative Attenuation Slope
Connect to Logic High to Enable Positive Attenuation Slope
14
VDD
DC Supply
15
VC
Voltage Control
16
GND
Ground Pin
Backside
Pad
RF/DC
GND
Backside Pad - GND
2
3
4
1
EN
GND
RFIN
GND
11
10
9
12
GND
GND
RFOUT
GND
Pin 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com