Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47N237-MD Datasheet(PDF) 35 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 31Page - SMSC Corporation LPC47N237-MD Datasheet HTML 32Page - SMSC Corporation LPC47N237-MD Datasheet HTML 33Page - SMSC Corporation LPC47N237-MD Datasheet HTML 34Page - SMSC Corporation LPC47N237-MD Datasheet HTML 35Page - SMSC Corporation LPC47N237-MD Datasheet HTML 36Page - SMSC Corporation LPC47N237-MD Datasheet HTML 37Page - SMSC Corporation LPC47N237-MD Datasheet HTML 38Page - SMSC Corporation LPC47N237-MD Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 35
Revision 0.3 (10-26-04)
DATASHEET
Bit 1
This bit controls the Request To Send (nRTS) output. Bit 1 affects the nRTS output in a manner identical
to that described above for bit 0.
Bit 2
This bit controls the Output 1 (OUT1) bit. This bit does not have an output pin and can only be read or
written by the CPU.
Bit 3
Output 2 (OUT2). This bit is used to enable an UART interrupt. When OUT2 is a logic "0", the serial port
interrupt output is forced to a high impedance state - disabled. When OUT2 is a logic "1", the serial port
interrupt outputs are enabled.
Bit 4
This bit provides the loopback feature for diagnostic testing of the Serial Port. When bit 4 is set to logic
"1", the following occur:
1.
The TXD is set to the Marking State(logic "1").
2.
The receiver Serial Input (RXD) is disconnected.
3.
The output of the Transmitter Shift Register is "looped back" into the Receiver Shift Register input.
4.
All MODEM Control inputs (nCTS, nDSR, nRI and nDCD) are disconnected.
5.
The four MODEM Control outputs (nDTR, nRTS, OUT1 and OUT2) are internally connected to the
four MODEM Control inputs (nDSR, nCTS, RI, DCD).
6.
The Modem Control output pins are forced inactive high.
7.
Data that is transmitted is immediately received.
This feature allows the processor to verify the transmit and receive data paths of the Serial Port. In the
diagnostic mode, the receiver and the transmitter interrupts are fully operational. The MODEM Control
Interrupts are also operational but the interrupts' sources are now the lower four bits of the MODEM
Control Register instead of the MODEM Control inputs. The interrupts are still controlled by the Interrupt
Enable Register.
Bits 5 through 7
These bits are permanently set to logic zero.
8.1.8
Line Status Register (LSR)
Address Offset = 5H, DLAB = X, READ/WRITE
Bit 0
Data Ready (DR). It is set to a logic "1" whenever a complete incoming character has been received and
transferred into the Receiver Buffer Register or the FIFO. Bit 0 is reset to a logic "0" by reading all of the data
in the Receive Buffer Register or the FIFO.
Bit 1
Overrun Error (OE). Bit 1 indicates that data in the Receiver Buffer Register was not read before the next
character was transferred into the register, thereby destroying the previous character. In FIFO mode, an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com