Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47N237-MD Datasheet(PDF) 80 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 80 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 76Page - SMSC Corporation LPC47N237-MD Datasheet HTML 77Page - SMSC Corporation LPC47N237-MD Datasheet HTML 78Page - SMSC Corporation LPC47N237-MD Datasheet HTML 79Page - SMSC Corporation LPC47N237-MD Datasheet HTML 80Page - SMSC Corporation LPC47N237-MD Datasheet HTML 81Page - SMSC Corporation LPC47N237-MD Datasheet HTML 82Page - SMSC Corporation LPC47N237-MD Datasheet HTML 83Page - SMSC Corporation LPC47N237-MD Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
Revision 0.3 (10-26-04)
Page 80
SMSC DS – LPC47N237
DATASHEET
Table 15.1 – SMBus Pins
PIN NAME
TYPE
PWR WELL
DESCRIPTION
SMB_A0
I
VTR
SMBus LSB address pin with
SCLK
IOD
VTR
SMBus Clock IOD
SDAT
IOD
VTR
SMBus Data IOD
nSMBINT
OD
VTR
Active low SMBus Interrupt Open-Drain output
SCLK_1
IOD
VTR
SMBus Clock IOD
SDAT_1
IOD
VTR
SMBus Data IOD
SCLK_2
IOD
VTR
SMBus Clock IOD
SDAT_2
IOD
VTR
SMBus Data IOD
15.1.2 Bus Protocols
Typical Write Byte, Read Byte protocols are shown below. Register accesses are performed using 7-bit
slave addressing, an 8-bit register address field, and an 8-bit data field. The shading indicates the
LPC47N237 driving data on the SDAT line; otherwise host data is on the SDAT line.
The slave address is the unique SMBus Interface Address for the LPC47N237 that identifies it on SMBus.
The register address field is the internal address of the register to be accessed. The register data field is
the data that the host is attempting to write to the register or the contents of the register that the host is
attempting to read.
Data bytes are transferred MSB first.
When using the LPC47N237 SMBus Interface, a read and write will always consist of the SMBus Interface
Address byte, followed by the Register Address byte, then the data byte.
Write Byte
The Write Byte protocol is used to write data to the registers. The data will only be written if the protocol
shown in Table 15.2 is performed correctly. Only one byte is transferred at time for a Write Byte protocol.
Table 15.2
− SMBus Write Byte Protocol
Field: Start
Slave Addr
Wr
Ack
Reg. Addr
Ack
Reg. Data
Ack
Stop
Bits:
1
7
1
1
8
1
8
1
1
Read Byte
The Read Byte protocol is used to read data from the registers. The data will only be read if the protocol
shown in Table 15.3 is performed correctly. Only one byte is transferred at time for a Read Byte protocol.
Table 15.3
− SMBus Read Byte Protocol
Field: Start
Slave Addr
Wr
Ack
Reg. Addr Ack Start
Slave Addr
Rd
Ack
Reg. Data
Nack
Stop
Bits:
1
7
1
1
8
1
1
7
1
1
8
1
1
15.1.3 Slave Address
The slave address is the unique address for the LPC47N237 that identifies the device on SMBus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com