Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47N237-MD Datasheet(PDF) 84 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 84 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 80Page - SMSC Corporation LPC47N237-MD Datasheet HTML 81Page - SMSC Corporation LPC47N237-MD Datasheet HTML 82Page - SMSC Corporation LPC47N237-MD Datasheet HTML 83Page - SMSC Corporation LPC47N237-MD Datasheet HTML 84Page - SMSC Corporation LPC47N237-MD Datasheet HTML 85Page - SMSC Corporation LPC47N237-MD Datasheet HTML 86Page - SMSC Corporation LPC47N237-MD Datasheet HTML 87Page - SMSC Corporation LPC47N237-MD Datasheet HTML 88Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
Revision 0.3 (10-26-04)
Page 84
SMSC DS – LPC47N237
DATASHEET
4 Direction Registers
4 Output Type Registers
4 Data Registers
4 Mask Registers
1 Change Status Register
15.3.1 GPIO Pins
Table 15.4 shows the SMBus GPIOs pins.
These pins are powered by VTR
These pins sink 8mA and source 4 mA current under VTR power.
The default on these pins will be input on VTR POR in the LPC47N237.
Table 15.4 – SMBus GPIO Pins
PIN NAME
BUFFER
PWR WELL
DESCRIPTION
GP10 – GP17,
GP20 – GP27,
GP30 – GP37,
GP50 – GP57
IO8
VTR
General Purpose I/O
15.4
SMBus GPIO Registers
See the following sub section for functionality of the SMBus GPIO registers. These registers are in the
SMBus runtime register space and are listed in the “SMBus GPIO Register Map” section.
15.4.1 Direction Registers
There are four direction registers containing bits for each GPIO pin. The Direction register is used to
select input or output direction on the GPIO pin.
15.4.2 Output Type Registers
There are four output type registers containing bits for each GPIO pin. The output type register is used to
selection whether the GPIO pin will be push-pull or open-drain.
15.4.3 Data Registers
The data register will reflect the state of the GPIO input if the GP pin is used as input. It is used to set the
state of the GPIO pin when the GPIO is used as output.
15.4.4 GPIO Mask Registers
There are four mask registers containing bits for each GPIO pin. The bits in the Mask registers are used
to enable/disable wakeup events on the Change Status register. See the “GPIO Change Status Register”
section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com