Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC10EM Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # TC10EM
Description  Temperature Controller TC10 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TC10EM Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  TC10EM Datasheet HTML 1Page - M-System Co.,Ltd. TC10EM Datasheet HTML 2Page - M-System Co.,Ltd. TC10EM Datasheet HTML 3Page - M-System Co.,Ltd. TC10EM Datasheet HTML 4Page - M-System Co.,Ltd. TC10EM Datasheet HTML 5Page - M-System Co.,Ltd. TC10EM Datasheet HTML 6Page - M-System Co.,Ltd. TC10EM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: TC10EM
TC10EM SPECIFICATIONS
ES-9581 Rev.4 Page 3/7
http://www.m-system.co.jp/
CLSE-05: 60 A continuous, x40 (1 sec.)
CLSE-10: 120 A continuous, x40 (1 sec.)
CLSE-20: 240 A continuous, x40 (1 sec.)
CLSE-40: 480 A continuous, x40 (1 sec.)
CLSE-60: 720 A continuous, x40 (1 sec.)
Operational range
CLSE-R5: ≤ 5 A
CLSE-05: ≤ 50 A
CLSE-10: ≤ 100 A
CLSE-20: ≤ 200 A
CLSE-40: ≤ 400 A
CLSE-60: ≤ 600 A
Caution 1: The output values may vary depending on the
accuracy of engagement at the clamp connection.
Caution 2: The sensor’s mechanical construction may cause
it to generate resonance sound. However, it does not affect
the perfomrance of the sensor.
■ Discrete Input (Di1, Di2)
Contact rating: 3.3 V @1 mA
Detection levels:
≤ 15 kΩ / 0.5 V at close
≥ 350 kΩ / 2.5 V at open
OUTPUT SPECIFICATIONS
Four control outputs are configurable to Mv, Ao or Do.
■ Control Output (Mv1, Mv2)
Specify one type of output with the code number from 3
types shown below.
• DC Current: 0 – 20 mA DC
Operational range: 0 – 23 mA DC
Load resistance: ≤ 500 Ω
• DC Voltage: 0 – 10 V DC
Operational range: 0 - 11.5 V DC
Load resistance: ≥ 2 kΩ
• 12 V Voltage pulse
Maximum frequency: 1 Hz
Minimum pulse width: 1 msec.
Hi level: 12 V ±15 %
Lo level: ≤ 0.5 V
Load resistance: 600 Ω min.
■ Control Output (Do1, Do2)
• Open collector
Maximum frequency: 1 Hz
Minimum pulse width: 1 msec.
Output rating: 50 V DC 100 mA (resistive load)
Saturation voltage: 0.5 V DC
INSTALLATION
Power Consumption
•AC:
Approx. 6 VA at 100 V
Approx. 7 VA at 200 V
Approx. 8 VA at 240 V
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 5 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Panel flush mounting
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy
• Pv1 or Pv2: Refer to "Input type, range & conversion
accuracy" section.
• CT1 or CT2: ±2 % (sensor error margin not included)
• Mv1 or Mv2: ±0.5 %
Cold junction compensation error (thermocouple input):
±2.0°C at 0 – 50°C (±3.6°F at 32 – 122°F)
CJC sensor is adjacently attached to the input terminals.
CJC is available for each universal input 1 and 2.
Temp. coefficient
• Pv1 or Pv2: ±0.03 %/°C (± 0.02 %/°F)
• CT1 or CT2: ±0.03 %/°C (± 0.02 %/°F)
Response time
• CT1 or CT2: ≤ 2 sec. (0 – 90 %)
• Mv1 or Mv2: ≤ 1 sec. (0 – 90 %, DC output)
Burnout response (thermocouple, RTD input): ≤ 10 s
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (Pv1 to Pv2 to
CT1 or CT2 to Di1 or Di2 to MV1 or MV2 to Do1 or Do2 to
Modbus to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power – Reinforced insulation (300 V)
Input or output or power to Modbus – Basic insulation (300
V)
RoHS Directive
EN 50581



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com