Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC10EM Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # TC10EM
Description  Temperature Controller TC10 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TC10EM Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  TC10EM Datasheet HTML 1Page - M-System Co.,Ltd. TC10EM Datasheet HTML 2Page - M-System Co.,Ltd. TC10EM Datasheet HTML 3Page - M-System Co.,Ltd. TC10EM Datasheet HTML 4Page - M-System Co.,Ltd. TC10EM Datasheet HTML 5Page - M-System Co.,Ltd. TC10EM Datasheet HTML 6Page - M-System Co.,Ltd. TC10EM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: TC10EM
TC10EM SPECIFICATIONS
ES-9581 Rev.4 Page 4/7
http://www.m-system.co.jp/
INPUT TYPE, RANGE & CONVERSION ACCURACY
INPUT TYPE
INPUT RANGE
ACCURACY
DC CURRENT
0 to 20mA DC
±20μA
DC VOLTAGE
-1000 to +1000mV DC
When max. range*2 is ≥60mV ±20μV
When max. range*2 is ≤120mV ±30μV
When max. range*2 is ≥120mV ±200μV
-10 to +10V DC
±10mV ±0.1%
POTENTIOMETER
Total resistance up to 4000Ω*3
±0.1Ω or ±0.1%, whichever is greater
RESISTOR
0 to 4000Ω
±0.1Ω or ±0.1%, whichever is greater
°C
゜F
INPUT RANGE
ACCURACY*1 CONFORMANCE RANGE
INPUT RANGE
ACCURACY*1 CONFORMANCE RANGE
  (PR)
0 to 1760
±1.80
0 to 1760
32 to 3200
±3.24
32 to 3200
K (CA)
-270 to +1370
±0.40
-150 to +1370
-454 to +2498
±0.72
-238 to +2498
E (CRC)
-270 to +1000
±0.60
-170 to +1000
-454 to +1832
±1.08
-274 to +1832
J (IC)
-210 to +1200
±0.70
-180 to +1200
-346 to +2192
±1.26
-292 to +2192
T (CC)
-270 to +400
±0.50
-170 to +400
-454 to +752
±0.90
-274 to +752
B (RH)
100 to 1820
±2.00
400 to 1760
212 to 3308
±3.60
752 to 3200
R
-50 to +1760
±1.00
200 to 1760
-58 to +3200
±1.80
392 to 3200
S
-50 to +1760
±1.00
0 to 1760
-58 to +3200
±1.80
32 to 3200
C (WRe 5-26)
0 to 2315
±1.00
0 to 2315
32 to 4199
±1.80
32 to 4199
N
-270 to +1300
±0.50
-130 to +1300
-454 to +2372
±0.90
-202 to +2372
U
-200 to +600
±0.50
-200 to +600
-328 to +1112
±0.90
-328 to +1112
L
-200 to +900
±0.30
-200 to +900
-328 to +1652
±0.54
-328 to +1652
P (Platinel ll)
0 to 1395
±0.30
0 to 1395
32 to 2543
±0.54
32 to 2543
RTD
°C
゜F
INPUT RANGE
ACCURACY
INPUT RANGE
ACCURACY
Pt 100 (JIS ’97, IEC)
-200 to +850
±0.40
-328 to +1562
±0.72
Pt 500
-200 to +850
±0.40
-328 to +1562
±0.72
Pt 1000
-200 to +850
±0.40
-328 to +1562
±0.72
Pt 50Ω (JIS‘81)
-200 to +649
±0.60
-328 to +1200
±1.08
JPt 100 (JIS’89)
-200 to +510
±0.40
-328 to +950
±0.72
Ni 508.4Ω
-50 to +200
±0.60
-58 to +392
±1.08
Cu 10 (25℃)
-50 to +250
±2.00
-58 to +482
±3.60
*1.Thermocouple: Add 2.0°C of cold-junction-compensation error.
*2. Max. range: absolute range (greater of 0% and 100% range values), whichever is greater.
*3. Refer to the operating manual for details.
Thermocouple
EXTERNAL VIEW
■ FRONT VIEW
■ REAR VIEW
Operation Buttons
Loop status indicators
PV Display
Cold Junction Compensation (2 CJM)
SP/MV Display
Configuration Jack
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
11
12
13
14
15
16
17
18
19
20
PV
Loop
Run
Man
Local
AT
Out 1 Out 2
4
1
2
1
2
3
4
1
2
3
Bank
Alarm
Local/Remote
Auto/Manu
Esc
Enter
SP/MV
Loop1/2
SP
MV
Config



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com