Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC10EM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # TC10EM
Description  Temperature Controller TC10 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TC10EM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  TC10EM Datasheet HTML 1Page - M-System Co.,Ltd. TC10EM Datasheet HTML 2Page - M-System Co.,Ltd. TC10EM Datasheet HTML 3Page - M-System Co.,Ltd. TC10EM Datasheet HTML 4Page - M-System Co.,Ltd. TC10EM Datasheet HTML 5Page - M-System Co.,Ltd. TC10EM Datasheet HTML 6Page - M-System Co.,Ltd. TC10EM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: TC10EM
TC10EM SPECIFICATIONS
ES-9581 Rev.4 Page 1/7
http://www.m-system.co.jp/
Temperature Controller TC10 Series
TEMPERATURE CONTROLLER
(Modbus, 5 digit, LED display type, size 96 x 96 mm)
Functions & Features
• Two PID controllers*
• Universal input x 2 points, control output x 4 points,
discrete input x 2 points, clamp-on current sensor input x 2
points
• 2 universal inputs configurable to T/C, RTD, DC current or
voltage independently
• Discrete inputs usable to switch PID bank or operation
mode
• Control outputs configurable to MV, PV or alarm
• Clamp-on current sensor input enables to detect heater
wire break or over current
• Auto tuning function
*Only single loop control is available while loop 1 remote SP
is enabled.
96(3.8)
108(4.25)
mm (inch)
96(3.8)
MODEL: TC10EM–[1]–M2
ORDERING INFORMATION
• Code number: TC10EM-[1]-M2
Specify a code from below for [1].
(e.g. TC10EM-A-M2)
[1] CONTROL OUTPUT
A: 0 – 20 mA DC (Load resistance 500 Ω max.)
Open-collector 2 points
V: 0 – 10 V DC (Load resistance 2 kΩ max.)
Open-collector 2 points
P: 12 V pulse (Load resistance 600 Ω max.)
Open-collector 2 points
POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
RELATED PRODUCTS
• PC configurator software (model: TC10CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
• Clamp-on current sensor (model: CLSE)
(Used for detecting the heater wire break)
GENERAL SPECIFICATIONS
Construction: Panel flush mounting
Degree of protection: IP65; applicable to the front panel of
the unit with single mounting according to the specified
panel cutout
Configuration jack: 2.5 dia. miniature jack connector;
RS-232-C level
Connection: M3 separable screw terminal (torque 0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Pv1 to Pv2 to CT1 or CT2 to Di1 or Di2 to MV1 or
MV2 to Do1 or Do2 to Modbus to power
CT Input waveform
RMS sensing: Up to 15 % of 3rd harmonic content
Control mode: Standard PID, heating and cooling control
(ON/OFF, PID)
Proportional band (P): 0.1 to 3200.0 (temperature unit)
Integral time (I): 0 to 3999 sec.
Derivative time (D): 0.0 to 999.9 sec.
Auto-tuning: Limit cycle method
Alarm: Deviation high & low, absolute high & low, etc.
Sampling cycle: 100 msec.
Control cycle: 1.0 to 99.9 sec.
(100 msec. fixed for Mv output 0 - 20 mA DC
and 0 - 10 V DC)
Mv output range: -5 - +105 % for output scale
Parameters: Stored in non-volatile memory; write/erase
cycle endurance: less than 1 000 000
Parameter setting: With front panel operation buttons or PC
configurator software (model: TC10CFG)
• Universal input
• Burnout
• Control output
• Loop


Similar Part No. - TC10EM

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC10 TIMOTION-TC10 Datasheet
337Kb / 3P
Max. output 29V DC, 12A
General Features
logo
Wavelength Electronics,...
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
2Mb / 5P
Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
June, 2025
TC10 LAB WAVELENGTH-TC10 LAB Datasheet
6Mb / 29P
High Precision Temperature Controller— with IntelliTune®
December 2025
logo
Allied Components Inter...
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
logo
ABB
TC100 ABB-TC100 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
More results

Similar Description - TC10EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3911 NSC-LM3911 Datasheet
210Kb / 8P
LM3911 Temperature Controller
logo
TOKO, Inc
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
TEMPERATURE CONTROLLER IC
logo
List of Unclassifed Man...
WHY5640 ETC-WHY5640 Datasheet
395Kb / 24P
Subminiature Temperature Controller
logo
Omron Electronics LLC
E5AX-P OMRON-E5AX-P Datasheet
162Kb / 14P
Temperature Controller
logo
SELEC Controls Pvt. Ltd
TC533 SELEC-TC533 Datasheet
675Kb / 2P
Economic Temperature Controller
TC52 SELEC-TC52 Datasheet
433Kb / 1P
Analog Temperature Controller
TC513AX SELEC-TC513AX Datasheet
887Kb / 2P
Economic Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
TC4896-DA FOTEK-TC4896-DA Datasheet
1Mb / 5P
Temperature Controller
TC-4896DA-PT-R3-F-S-A FOTEK-TC-4896DA-PT-R3-F-S-A Datasheet
3Mb / 10P
Temperature Controller
logo
M-System Co.,Ltd.
TC10NM MSYSTEM-TC10NM Datasheet
222Kb / 7P
Temperature Controller TC10 Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com