Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC10EM Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # TC10EM
Description  Temperature Controller TC10 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

TC10EM Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  TC10EM Datasheet HTML 1Page - M-System Co.,Ltd. TC10EM Datasheet HTML 2Page - M-System Co.,Ltd. TC10EM Datasheet HTML 3Page - M-System Co.,Ltd. TC10EM Datasheet HTML 4Page - M-System Co.,Ltd. TC10EM Datasheet HTML 5Page - M-System Co.,Ltd. TC10EM Datasheet HTML 6Page - M-System Co.,Ltd. TC10EM Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: TC10EM
TC10EM SPECIFICATIONS
ES-9581 Rev.4 Page 2/7
http://www.m-system.co.jp/
• Bank
• Event input
• CT input
• Auto-tuning
Refer to the instruction manual for detail.
■Recommended solderless terminal
3.3 (.13) max
mm (inch)
MODBUS COMMUNICATION
Communication: Half-duplex, asynchronous, no procedure
Standard: Conforms to TIA/EIA-485-A
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Node adress: 1 to 247
Data mode: RTU (Binary)
Parity: None, even or odd
Baud rate: 4800, 9600, 19.2 k, 38.4 k, 57.6 k (bps)
Stop bit: 1 or 2
Node adress, parity, baud rate setting: With front panel
operation buttons or PC configurator software (model:
TC10CFG)
Terminating resistor: Built-in (Enable by shorting between
pin 4 and 5)
DISPLAY
PV display: 5 digits 7-segment green LED, 19.5 mm (.77”)
height
SP display: 5 digits 7-segment red LED, 12.5 mm (.49”)
height, switchable to MV display
Display range: -32000 to 32000
Decimal point position: 10–1 to 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Loop status indicators
Loop1: Amber LED turns on when loop 1 chosen
Loop2: Amber LED turns on when loop 2 chosen
Bank1: Green LED turns on when bank 1 chosen
Bank2: Green LED turns on when bank 2 chosen
Bank3: Green LED turns on when bank 3 chosen
Bank4: Green LED turns on when bank 4 chosen
Alarm1: Red LED turns on at alarm 1
Alarm2: Red LED turns on at alarm 2
Alarm3: Red LED turns on at alarm 3
Alarm4: Red LED turns on while setting is saving to the
non-volatile memory.
Run: Green LED turns on while loop is in operation.
Man: Green LED turns on during manual mode
Local: Green LED turns on when local SP chosen
At: Green LED turns on during auto-tuning
Out1: Green LED turns on when MV1 output
Out2: Green LED turns on when MV2 output
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
INPUT SPECIFICATIONS
■ Universal input 1, 2 (Pv1, Pv2)
For type and range configuration, refer to the instruction
manual.
DC Current:
Input range: 0 - 20 mA DC
Input resistance: 49.9 Ω resistor incorporated
• DC voltage input
Input resistance: ≥ 10 kΩ (-1000 to +1000 mV DC)
Input resistance: ≥ 1 MΩ (-10 to +10 V DC)
• Thermocouple
Input resistance: ≥ 10 kΩ
Input range: Refer to the table 1
Burnout sensing: ≤ 4 μA
Conformance range: Refer to the table 1
• RTD (2-wire or 3-wire)
Excitation: ≤ 0.33 mA
Input range: Refer to the table 1
Allowable leadwire resistance: 20 Ω per wire
• Resistance
Excitation: ≤ 0.33 mA
Allowable leadwire resistance: 20 Ω per wire
• Potentiometer
Excitation: ≤ 0.33 mA
Input range: 0 to 4000 Ω
Allowable leadwire resistance: 20 Ω per wire
■ Clamp-on current sensor (CT1, CT2)
(Sensor model No.: AC input)
CLSE-R5: 0 – 5 A
CLSE-05: 0 – 50 A
CLSE-10: 0 – 100 A
CLSE-20: 0 – 200 A
CLSE-40: 0 – 400 A
CLSE-60: 0 – 600 A
Frequency: 50 / 60 Hz (45 - 65 Hz)
Max. working voltage: 480 V AC (primary side)
Overload capacity:
CLSE-R5: 10 A continuous, x40 (1 sec.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com