Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25005 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) LM25005 Datasheet HTML 17Page - National Semiconductor (TI) LM25005 Datasheet HTML 18Page - National Semiconductor (TI) LM25005 Datasheet HTML 19Page - National Semiconductor (TI) LM25005 Datasheet HTML 20Page - National Semiconductor (TI) LM25005 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Information (Continued)
Components R4 and C5 configure the error amplifier as a
type II configuration which has a pole at DC and a zero at f
Z
=1/(2
πR4C5). The error amplifier zero cancels the modu-
lator pole leaving a single pole response at the crossover
frequency of the loop gain. A single pole response at the
crossover frequency yields a very stable loop with 90 de-
grees of phase margin.
For the design example, a target loop bandwidth (crossover
frequency) of 20 kHz was selected. The compensation net-
work zero (f
Z) should be selected at least an order of mag-
nitude less than the target crossover frequency. This con-
strains the product of R4 and C5 for a desired compensation
network zero1/(2
π R4 C5) to be less than 2kHz. Increasing
R4 while proportionally decreasing C5, increases the error
amp gain. Conversely, decreasing R4 while proportionally
increasing C5, decreases the error amp gain. For the design
example C5 was selected for 0.01µF and R4 was selected
for 49.9 k
Ω. These values configure the compensation net-
work zero at 320 Hz. The error amp gain at frequencies
greater than f
Z is: R4 / R5, which is approximately 10 (20dB).
The overall loop can be predicted as the sum (in dB) of the
modulator gain and the error amp gain.
If a network analyzer is available, the modulator gain can be
measured and the error amplifier gain can be configured for
the desired loop transfer function. If a network analyzer is not
available, the error amplifier compensation components can
be designed with the guidelines given. Step load transient
tests can be performed to verify acceptable performance.
The step load goal is minimum overshoot with a damped
response. C6 can be added to the compensation network to
decrease noise susceptibility of the error amplifier. The value
of C6 must be sufficiently small since the addition of this
capacitor adds a pole in the error amplifier transfer function.
This pole must be well beyond the loop crossover frequency.
A good approximation of the location of the pole added by C6
is: f
p2 =fzxC5/C6.
20170015
FIGURE 8. Gain and Phase of Modulator
R
LOAD = 5 Ohms and COUT = 177 µF
20170016
FIGURE 9. Error Amplifier Gain and Phase
20170017
FIGURE 10. Overall Loop Gain and Phase
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com