Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25005 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 7Page - National Semiconductor (TI) LM25005 Datasheet HTML 8Page - National Semiconductor (TI) LM25005 Datasheet HTML 9Page - National Semiconductor (TI) LM25005 Datasheet HTML 10Page - National Semiconductor (TI) LM25005 Datasheet HTML 11Page - National Semiconductor (TI) LM25005 Datasheet HTML 12Page - National Semiconductor (TI) LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Shutdown / Standby
The LM25005 contains a dual level Shutdown (SD) circuit.
When the SD pin voltage is below 0.7V, the regulator is in a
low current shutdown mode. When the SD pin voltage is
greater than 0.7V but less than 1.225V, the regulator is in
standby mode. In standby mode the Vcc regulator is active
but the output switch is disabled. When the SD pin voltage
exceeds 1.225V, the output switch is enabled and normal
operation begins. An internal 5µA pull-up current source
configures the regulator to be fully operational if the SD pin is
left open.
An external set-point voltage divider from Vin to GND can be
used to set the operational input range of the regulator. The
divider must be designed such that the voltage at the SD pin
will be greater than 1.225V when Vin is in the desired
operating range. The internal 5µA pull-up current source
must be included in calculations of the external set-point
divider. Hysteresis of 0.1V is included for both the shutdown
and standby thresholds. The voltage at the SD pin should
never exceed 8V. When using an external set-point divider, it
may be necessary to clamp the SD pin to limit its voltage at
high input voltage conditions.
The SD pin can also be used to implement various remote
enable / disable functions. Pulling the UVLO pin below the
0.7V threshold totally disables the controller. If the SD pin
voltage is above 1.225V the regulator will be operational.
Oscillator and Sync Capability
The LM25005 oscillator frequency is set by a single external
resistor connected between the RT pin and the AGND pin.
The R
T resistor should be located very close to the device
and connected directly to the pins of the IC (RT and
AGND).To set a desired oscillator frequency (F), the neces-
sary value for the R
T resistor can be calculated from the
following equation:
The SYNC pin can be used to synchronize the internal
oscillator to an external clock. The external clock must be of
higher frequency than the free-running frequency set by
the R
T resistor. A clock circuit with an open drain output is the
recommended interface from the external clock to the SYNC
pin. The clock pulse duration should be greater than 15 ns.
Multiple LM25005 and/or LM5005 devices can be synchro-
nized together simply by connecting the SYNC pins together.
In this configuration all of the devices will be synchronized to
the highest frequency device. The diagram in Figure 5 illus-
trates the SYNC input/output features of the LM25005. The
internal oscillator circuit drives the SYNC pin with a strong
pull-down / weak pull-up inverter. When the SYNC pin is
pulled low either by the internal oscillator or an external
clock, the ramp cycle of the oscillator is terminated and a
new oscillator cycle begins. Thus, if the SYNC pins of sev-
eral LM25005 IC’s are connected together, the IC with the
highest internal clock frequency will pull the connected
SYNC pins low first and terminate the oscillator ramp cycles
of the other IC’s. The LM25005 or LM5005 with the highest
programmed clock frequency will serve as the master and
control the switching frequency of the all the devices with
lower oscillator frequency.
20170005
FIGURE 3. Sync from External Clock
20170006
FIGURE 4. Sync from Multiple Devices
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com