Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25005 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 11Page - National Semiconductor (TI) LM25005 Datasheet HTML 12Page - National Semiconductor (TI) LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) LM25005 Datasheet HTML 17Page - National Semiconductor (TI) LM25005 Datasheet HTML 18Page - National Semiconductor (TI) LM25005 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Application Information
EXTERNAL COMPONENTS
The procedure for calculating the external components is
illustrated with the following design example. The Bill of
Materials for this design is listed in Table1. The circuit shown
in Figure 1 is configured for the following specifications:
•
V
OUT =5V
•
V
IN =7Vto42V
•
Fs = 300 KHz
•
Minimum load current (for CCM) = 250 mA
•
Maximum load current = 2.5A
R3 (R
T)
R
T sets the oscillator switching frequency. Generally, higher
frequency applications are smaller but have higher losses.
Operation at 300KHz was selected for this example as a
reasonable compromise for both small size and high effi-
ciency. The value of R
T for 300KHz switching frequency can
be calculated as follows:
The nearest standard value of 21 k
Ω was chosen for RT.
L1
The inductor value is determined based on the operating
frequency, load current, ripple current, and the minimum and
maximum input voltage (V
IN(min),VIN(max)).
To keep the circuit in continuous conduction mode (CCM),
the maximum ripple current I
RIPPLE should be less than twice
the minimum load current, or 0.5 Ap-p. Using this value of
ripple current, the value of inductor (L1) is calculated using
the following:
This procedure provides a guide to select the value of L1.
The nearest standard value (33 µH) will be used. L1 must be
rated for the peak current (I
PK+) to prevent saturation. During
normal loading conditions, the peak current occurs at maxi-
mum load current plus maximum ripple. During an overload
condition the peak current is limited to 3.5A nominal (4.25A
maximum). The selected inductor (see Table 1) has a con-
servative 6.2 Amp saturation current rating. For this manu-
facturer, the saturation rating is defined as the current nec-
essary for the inductance to reduce by 30%, at 20˚C.
C3 (C
RAMP)
With the inductor value selected, the value of C3 (C
RAMP)
necessary for the emulation ramp circuit is:
C
RAMP =L x10
-5
Where L is in Henrys
With L1 selected for 33µH the recommended value for C3 is
330pF.
C9, C10
The output capacitors C9, and C10, smooth the inductor
ripple current and provide a source of charge for transient
loading conditions. For this design a 22µF ceramic capacitor
and a 150µF SP organic capacitor were selected. The ce-
ramic capacitor provides ultra low ESR to reduce the output
ripple voltage and noise spikes, while the SP capacitor pro-
vides a large bulk capacitance in a small volume for transient
loading conditions. An approximation for the output ripple
voltage is:
D1
A Schottky type re-circulating diode is required for all
LM25005 applications. Ultra-fast diodes are not recom-
mended and may result in damage to the IC due to reverse
recovery current transients. The near ideal reverse recovery
characteristics and low forward voltage drop are particularly
important diode characteristics for high input voltage and low
output voltage applications common to the LM25005. The
reverse recovery characteristic determines how long the
current surge lasts each cycle when the buck switch is
turned on. The reverse recovery characteristics of Schottky
diodes minimize the peak instantaneous power in the buck
switch occurring during turn-on each cycle. The resulting
switching losses of the buck switch are significantly reduced
when using a Schottky diode. The reverse breakdown rating
should be selected for the maximum V
IN, plus some safety
margin.
The forward voltage drop has a significant impact on the
conversion efficiency, especially for applications with a low
output voltage. “Rated” current for diodes vary widely from
various manufactures. The worst case is to assume a short
circuit load condition. In this case the diode will carry the
output current almost continuously. For the LM25005 this
current can be as high as 3.5A. Assuming a worst case 1V
drop across the diode, the maximum diode power dissipation
can be as high as 3.5W. For the reference design a 60V
Schottky in a DPAK package was selected.
C1, C2
The regulator supply voltage has a large source impedance
at the switching frequency. Good quality input capacitors are
necessary to limit the ripple voltage at the VIN pin while
supplying most of the switch current during the on-time.
20170010
FIGURE 7. Inductor Current Waveform
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com