Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25005 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) LM25005 Datasheet HTML 17Page - National Semiconductor (TI) LM25005 Datasheet HTML 18Page - National Semiconductor (TI) LM25005 Datasheet HTML 19Page - National Semiconductor (TI) LM25005 Datasheet HTML 20Page - National Semiconductor (TI) LM25005 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application Information (Continued)
BIAS POWER DISSIPATION REDUCTION
Buck regulators operating with high input voltage can dissi-
pate an appreciable amount of power for the bias of the IC.
The V
CC regulator must step-down the input voltage VIN to a
nominal V
CC level of 7V. The large voltage drop across the
V
CC regulator translates into a large power dissipation within
the Vcc regulator. There are several techniques that can
significantly reduce this bias regulator power dissipation.
Figures 11 and 12 depict two methods to bias the IC from the
output voltage. In each case the internal Vcc regulator is
used to initially bias the VCC pin. After the output voltage is
established, the VCC pin potential is raised above the nomi-
nal 7V regulation level, which effectively disables the internal
V
CC regulator. The voltage applied to the VCC pin should
never exceed 14V. The V
CC voltage should never be larger
than the V
IN voltage.
20170018
FIGURE 11. VCC Bias from VOUT for 8V < VOUT < 14V
20170019
FIGURE 12. VCC Bias with Additional Winding on the Output Inductor
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com