Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDN-03D1AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SLDN-03D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
SLDN-03D1Ax
2
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
PART NUMBER
OUTPUT VOLTAGE
INPUT VOLTAGE
MAX. OUTPUT
CURRENT
MAX. OUTPUT
POWER
TYPICAL
EFFICIENCY
SLDN-03D1A0 (Active High)
SLDN-03D1AL ((Active Low)
0.45 VDC – 5.5 VDC
3 VDC – 14.4 VDC
3 A
16.5 W
94 %
NOTE: Add “G” suffix at the end of the model number to indicate Tray Packaging.
S
LDN
-
03
D
1A
0
x
Mounting type
Series code
Output current
Wide input voltage range
Sequencing
Logic status
Package
Surface mount
SLDN series
3 A
3-14.4V
With
sequencing
0 – active high
L – active low
G – Tray
R – Tape & Reel
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
Continuous Input Voltage
-0.3
15
V
Voltage on SEQ, SYNC, VS+ terminal
-
7
V
Voltage on CLK, DATA, SMBALERT
terminal
-
3.6
V
Operating Ambient Temperature
See Thermal Considerations section
-40
85
C
Storage Temperature
-55
125
C
Altitude
-
2000
m
NOTE: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only; functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the
data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Operating Input Voltage
3
-
14.4
V
Input Current (full load)
VIN = 3 V to 14 V
-
-
2.8
A
Input Current (no load)
VO,set = 0.6 VDC
VIN = 12 VDC,
IO = 0, module enabled
-
17.5
-
mA
VO,set = 5 VDC
-
43
-
mA
Input Stand-by Current
VIN = 12 V, module disabled
-
6.4
-
mA
Input Reflected Ripple Current (pk-pk)
5 Hz to 20 MHz, 1
μH source impedance,
VIN =0 to 14V, IO= IOmax ; See Test Configurations
-
100
-
mA
I2t Inrush Current Transient
-
-
1
A2s
Input Ripple Rejection (120 Hz)
-
-57
-
dB
NOTE: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com