Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDN-03D1AX Datasheet(PDF) 41 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 41 Page - Bel Fuse Inc.

Back Button SLDN-03D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 40Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 41Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 42Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 43Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 44Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
SLDN-03D1Ax
41
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
The SLDN-03D1Ax modules are supplied in tape & reel as standard.
All Dimensions are in millimeters and (in inches).
Reel Dimensions:
Outside Dimensions:
330.2 mm (13.00)
Inside Dimensions:
177.8 mm (7.00”)
Tape Width:
24.00 mm (0.945”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com