Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDN-03D1AX Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 5 Page - Bel Fuse Inc.

  SLDN-03D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
SLDN-03D1Ax
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
Measurement System Characteristics
Read delay time
153
192
231
us
Output current measurement range
0
-
18
A
Output current measurement resolution
62.5
-
-
mA
Output current measurement gain accuracy
-
-
±5
%
Output current measurement offset
-
-
0.1
A
VOUT measurement range
0
-
5.5
V
VOUT measurement resolution
-
15.625
-
mV
VOUT measurement gain accuracy
-15
-
15
%
VOUT measurement offset
-3
-
3
%
VIN measurement range
3
-
14.4
V
VIN measurement resolution
-
32.5
-
mV
VIN measurement gain accuracy
-15
-
15
%
VIN measurement offset
-5.5
-
1.4
LSB
NOTE: Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See
Feature Descriptions for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com