Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLDN-03D1AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SLDN-03D1AX Datasheet HTML 1Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 2Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 3Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
SLDN-03D1Ax
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Output Voltage Set Point
With 0.1% tolerance for external resistor used to set
output voltage
-1.0
-
+1.0
%Vo,set
Output Voltage
Over all operating input voltage, resistive load, and
temperature conditions until end of life
-3.0
-
+3.0
%Vo,set
Output Voltage Overshoot
-
-
3.0
%Vo,set
Power Management Bus
Adjustable Output Voltage Range
-25
0
+25
%Vo,set
Power Management Bus Output
Voltage Adjustment Step Size
-
0.4
-
%Vo,set
Adjustment Range
1.Selected by an external resistor
2.Some output voltages may not be possible depending
on the input voltage – see Feature Descriptions Section
0.6
-
5.5
V
Remote Sense Range
-
-
0.5
V
Load Regulation
VO
≥ 2.5 V
VO < 2.5 V
IO = IO, min to IO, max
-
-
-
-
10
10
mV
mV
Line Regulation
VO
≥ 2.5 V
VO < 2.5 V
VIN = VIN, min to VIN, max
-
-
-
-
0.4
5
%Vo,set
mV
Temperature Regulation
Tref=TA, min to TA, max
-
-
0.4
%Vo,set
Ripple and Noise (pk-pk)
5Hz to 20MHz BW, VIN=VIN, nom and IO=IO, min to IO, max Co =
0.1
μF // 22 μF ceramic capacitors)
-
50
100
mV
Ripple and Noise (rms)
-
20
38
mV
Output Short-Circuit Current
Vo
≤250mV, Hiccup Mode
-
268
-
mArms
Output Capacitance2
ESR
≥ 1 mΩ
ESR
≥ 0.15 mΩ
ESR
≥ 10 mΩ
Without the Tunable LoopTM
With the Tunable LoopTM
With the Tunable LoopTM
10
22
22
-
-
-
22
1000
3000
uF
uF
uF
Output Current
In either sink or source mode
0
-
3
A
Output Current Limit Inception
Current limit does not operate in sink mode
-
270
-
% Io,max
Turn-On Delay Times
(VIN=VIN, nom, IO=IO, max ,
VO to within ±1% of steady state)
Case 1: On/Off input is enabled and then input power is
applied. (delay from instant at which VIN = VIN, min until
Vo = 10% of Vo, set
-
0.4
-
ms
Case 2: Input power is applied for at least one second
and then the On/Off input is enabled (delay from instant at
which Von/Off is enabled until Vo = 10% of Vo, set)
-
0.4
-
ms
Output voltage Rise time
Time for Vo to rise from 10% of Vo, set to 90% of Vo, set
-
2.4
-
ms
NOTES:
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
External capacitors may require using the new Tunable LoopTM feature to ensure that the module is stable as well as getting the best transient
response. See the Tunable LoopTM section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com