| Electronic Components Datasheet Search |
|
MPC7445 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC7445 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 56 page ![]() MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5 Freescale Semiconductor 5 Features — Guarantees sequential programming model (precise exception model) — Monitors all dispatched instructions and retires them in order — Tracks unresolved branches and flushes instructions after a mispredicted branch — Retires as many as three instructions per clock cycle • Separate on-chip L1 instruction and data caches (Harvard architecture) — 32-Kbyte, eight-way set-associative instruction and data caches — Pseudo least-recently-used (PLRU) replacement algorithm — 32-byte (eight-word) L1 cache block — Physically indexed/physical tags — Cache write-back or write-through operation programmable on a per-page or per-block basis — Instruction cache can provide four instructions per clock cycle; data cache can provide four words per clock cycle — Caches can be disabled in software. — Caches can be locked in software. — MESI data cache coherency maintained in hardware — Separate copy of data cache tags for efficient snooping — Parity support on cache and tags — No snooping of instruction cache except for icbi instruction — Data cache supports AltiVec LRU and transient instructions — Critical double- and/or quad-word forwarding is performed as needed. Critical quad-word forwarding is used for AltiVec loads and instruction fetches. Other accesses use critical double-word forwarding. • Level 2 (L2) cache interface — On-chip, 512-Kbyte, eight-way set-associative unified instruction and data cache — Fully pipelined to provide 32 bytes per clock cycle to the L1 caches — A total 9-cycle load latency for an L1 data cache miss that hits in L2 — Cache write-back or write-through operation programmable on a per-page or per-block basis — 64-byte, two-sectored line size — Parity support on cache • Separate memory management units (MMUs) for instructions and data — 52-bit virtual address, 32- or 36-bit physical address — Address translation for 4-Kbyte pages, variable-sized blocks, and 256-Mbyte segments — Memory programmable as write-back/write-through, caching-inhibited/caching-allowed, and memory coherency enforced/memory coherency not enforced on a page or block basis — Separate IBATs and DBATs (eight each) also defined as SPRs — Separate instruction and data translation lookaside buffers (TLBs) – Both TLBs are 128-entry, two-way set-associative, and use an LRU replacement algorithm. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |