Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7445 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPC7445
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7445 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPC7445 Datasheet HTML 6Page - NXP Semiconductors MPC7445 Datasheet HTML 7Page - NXP Semiconductors MPC7445 Datasheet HTML 8Page - NXP Semiconductors MPC7445 Datasheet HTML 9Page - NXP Semiconductors MPC7445 Datasheet HTML 10Page - NXP Semiconductors MPC7445 Datasheet HTML 11Page - NXP Semiconductors MPC7445 Datasheet HTML 12Page - NXP Semiconductors MPC7445 Datasheet HTML 13Page - NXP Semiconductors MPC7445 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7447A.
Figure 2. Overshoot/Undershoot Voltage
The MPC7447A provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC7447A core voltage must always be provided at the nominal voltage
(see Table 4) or at the supported derated voltage (see Section 5.3, “Voltage and Frequency Derating”). The
input voltage threshold for each bus is selected by sampling the state of the voltage select pins at the
negation of the signal HRESET. The output voltage will swing from GND to the maximum voltage applied
to the OVDD power pins. Table 3 provides the input threshold voltage settings. Because these settings may
change in future products, it is recommended that BVSEL be configured using resistor options, jumpers,
or some other flexible means, with the capability to reconfigure the termination of this signal in the future
if necessary.
Storage temperature range
Tstg
–55 to 150
°C
—
Notes:
1. Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: VDD/AVDD must not exceed OVDD by more than 1.0 V during normal operation; this limit may be exceeded for a
maximum of 20 ms during the power-on reset and power-down sequences.
3. Caution: OVDD must not exceed VDD/AVDD by more than 2.0 V during normal operation; this limit may be exceeded for a
maximum of 20 ms during the power-on reset and power-down sequences.
4. BVSEL must be set to 0, such that the bus is in 1.8-V mode.
5. BVSEL must be set to HRESET or 1, such that the bus is in 2.5-V mode.
6. Caution: Vin must not exceed OVDD by more than 0.3 V at any time including during power-on reset.
7. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 2. Absolute Maximum Ratings1 (continued)
Characteristic
Symbol
Maximum Value
Unit Notes
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
OVDD + 20%
VIL
OVDD
OVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com