Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893AGILF Datasheet(PDF) 40 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 40 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 36Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 44Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
40
Chapter 7 Functional Blocks
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.3 PCS/PMA Transmit Modules
Both the PCS and PMA sublayers have Transmit modules.
7.3.3.1 PCS Transmit Module
The ICS1893AG PCS Transmit module accepts nibbles from the MAC/Repeater Interface and converts the
nibbles into 5-bit ‘code groups’ (referred to here as ‘symbols’). In addition, the PCS Transmit module
performs a parallel-to-serial conversion on the symbols, and subsequently passes the resulting serial bit
stream to the PMA sublayer.
The first 16 nibbles of each MAC/Repeater Frame represent the Frame Preamble. The PCS replaces the
first two nibbles of the Frame Preamble with the Start-of-Stream Delimiter (SSD), that is, the symbols /J/K/.
After receipt of the last Frame nibble, detected when TX_EN = FALSE, the PCS appends to the end of the
Frame an End-of-Stream Delimiter (ESD), that is, the symbols /T/R/. (The ICS1893AG PCS does not alter
any other data included within the Frame.)
The PCS Transmit module also performs collision detection. In compliance with the ISO/IEC specification,
when the transmission and reception of data occur simultaneously and the ICS1893AG is in:
• Half-duplex mode, the ICS1893AG asserts the collision detection signal (COL).
• Full-duplex mode, COL is always FALSE.
7.3.3.2 PMA Transmit Module
The ICS1893AG PMA Transmit module accepts a serial bit stream from its PCS and converts the data into
NRZI format. Subsequently, the PMA passes the NRZI bit stream to the Twisted-Pair Physical Medium
Dependent (TP-PMD) sublayer.
The ICS1893AG PMA Transmit module uses a digital PLL to synthesize a transmit clock from the Clock
Reference Interface. When the ICS1893AG is configured for an interface that is:
• 10M MII (that is, 10Base-T), the TXCLK signal is 2.5 MHz
• 10M Serial Interface, the TXCLK signal is 10 MHz
• Either of the following, the TXCLK signal (a buffered version of the REF_IN signal) is 25 MHz:
– 100M MII (that is, 100Base-TX)
– 100M Symbol Interface
Note:
1. All of the TXCLK signals are derived from the REF_IN signal that goes to the digital PLL.
2. For the MII, for both the 10Base-T and 100Base-TX modes, the clock that is generated synchronizes
all data transfers across the MII.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com