Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893AGILF Datasheet(PDF) 41 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 41 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 37Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 38Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 39Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 40Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 41Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 42Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 43Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 44Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 45Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 135 page
background image
Chapter 7 Functional Blocks
ICS1893AG, Rev. A 04/14/05
April, 2005
41
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
7.3.4 PCS/PMA Receive Modules
Both the PCS and PMA sublayers have Receive modules.
7.3.4.1 PCS Receive Module
The ICS1893AG PCS Receive module accepts both a serial bit stream and a clock signal from the PMA
sublayer. The PCS Receive module converts the bit stream from a serial format to a parallel format and
then processes the data to detect the presence of a carrier.
When a link is in the idle state, the PCS Receive module receives IDLE symbols. (All bits are logic one.)
Upon receiving two non-contiguous zeros in the bit stream, the PCS Receive module examines the
ensuing bits and attempts to locate the Start-of-Stream Delimiter (SSD), that is, the /J/K/ symbols.
Upon verification of a valid SSD, the PCS Receive module substitutes the first two standard nibbles of a
Frame Preamble for the detected SSD. In addition, the PCS Receive module uses the SSD to begin
framing the ensuing data into 5-bit code symbols. The final PCS Receive module performs 4B/5B decoding
on the symbols and then synchronously passes the resulting nibbles to the MAC/Repeater Interface.
The Receive state machine continues to accept PMA data, convert it from serial to parallel format, frame it,
decode it, and pass it to the MAC/Repeater Interface. During this time, the Receive state machine
alternates between Receive and Data States. It continues this process until detecting one of the following:
• An End-of-Stream Delimiter (ESD, that is, the /T/R/ symbols)
• An error
• A premature end (IDLEs)
Upon receipt of an ESD, the Receive state machine returns to the IDLE state without passing the ESD to
the MAC/Repeater Interface. Detection of an error forces the Receive state machine to assert the receive
error signal (RX_ER) and wait for the next symbol. If the ICS1893AG Receive state machine detects a
premature end, it forces the assertion of the RX_ER signal, sets the Premature End bit (bit 17.5) to logic
one, and transitions to the IDLE State.
7.3.4.2 PMA Receive Modules
The ICS1893AG has a PMA Receive module that provides the following functions:
• NRZI Decoding
The Receive module performs the NRZI decoding on the serial bit stream received from the Twisted-Pair
Physical Medium Dependent (TP-PMD) sublayer. It converts the bit stream to a unipolar, positive, binary
format that the PMA subsequently passes to the PCS.
• Receive Clock Recovery
The Receive Clock Recovery function consists of a phase-locked loop (PLL) that operates on the serial
data stream received from the PMD sublayer. This PLL automatically synchronizes itself to the clock
encoded in the serial data stream and then provides both a recovered clock and data stream to the PCS.
• Link Monitoring
– The ICS1893AG’s PMA Link Monitoring function observes the Receive Clock PLL. If the Receive
Clock PLL cannot acquire ‘lock’ on the serial data stream, it asserts an error signal. The status of this
error signal can be read in the QuickPoll Detailed Status Register’s PLL Lock Error bit (bit 17.9). This
bit is a latching high (LH) bit. (For more information on latching high and latching low bits, see Section
8.1.4.1, “Latching High Bits” and Section 8.1.4.2, “Latching Low Bits”.)
– In addition, the ICS1893AG’s PMA Link Monitor function continually audits the state of the
connection with the remote link partner. It asserts a receive channel error if a receive signal is not
detected or if a PLL Lock Error occurs. These errors, in turn, generate a link fault and force the link
monitor function to clear both the Status Register’s Link Status bit (bit 1.2) and the QuickPoll Detailed
Status Register’s Link Status bit (bit 17.0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com