Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893AGILF Datasheet(PDF) 56 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 56 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 52Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 53Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 54Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 55Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 56Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 57Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 58Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 60Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 135 page
background image
ICS1893AG, Rev A 04/14/05
April, 2005
56
Chapter 8 Management Register Set
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.1.2 Management Register Bit Access
The ICS1893AG Management Registers include one or more of the following types of bits:
8.1.3 Management Register Bit Default Values
The tables in this chapter specify for each register bit the default value, if one exists. The ICS1893AG sets
all Management Register bits to their default values after a reset. Table 8-4 lists the valid default values for
ICS1893AG Management Register bits.
Note: The ICS1893AG has a number of reserved bits throughout the Management Registers. Most of
these bits provide enhanced test modes. The Management Register tables provide the default
values for these bits. The STA must not change the value of these bits under any circumstance. If
the STA inadvertently changes the default values of these reserved register bits, normal operation
of the ICS1893AG can be affected.
Table 8-3. Description of Management Register Bit Types
Management
Register Bit Types
Bit
Symbol
Description
Read-Only
RO
An STA can obtain the value of a RO register bit. However, it cannot
alter the value of (that is, it cannot write to) an RO register bit. The
ICS1893AG isolates any STA attempt to write a value to an RO bit.
Command Override
Write
CW
An STA can read a value from a CW register bit. However, write
operations are conditional, based on the value of the Command
Register Override bit (bit 16.15). When bit 16.15 is logic:
• Zero (the default), the ICS1893AG isolates STA attempts to write
to the CW bits (that is, CW bits cannot be altered when bit 16.15 is
logic zero).
• One, the ICS1893AG permits an STA to alter the value of the CW
bits in the subsequent register write. (Bit 16.15 is self-clearing and
automatically clears to zero on the subsequent write.)
Read/Write
R/W
An STA can unconditionally read from or write to a R/W register bit.
Read/Write Zero
R/W0
An STA can unconditionally read from a R/W0 register bit, but only a
‘0’ value can be written to this bit.
Table 8-4. Range of Possible Valid Default Values for ICS1893AG Register Bits
Default Condition
Default Value
–
Indicates there is no default value for the bit
0
Indicates the bit’s default value is logic zero
1
Indicates the bit’s default value is logic one
State of pin at reset
For some bits, the default value depends on the state (that is, the logic value) of a
particular pin at reset (that is, the logic value of a pin is latched at reset). An
example of pins that have a default condition that depends on the state of the pin
at reset are the PHY / LED pins (P0AC, P1CL, P2LI, P3TD, and P4RD) discussed
in the following sections:
• Section 6.5, “Status Interface”
• Section 8.11, “Register 16: Extended Control Register”
• Section 9.2.2, “Multi-Function (Multiplexed) Pins: PHY Address and LED Pins”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com