Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1893AGILF Datasheet(PDF) 63 Page - Integrated Circuit Systems

Part # ICS1893AGILF
Description  3.3 V 10Base-T/100Base-TX Integrated PHYceiver-TM
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893AGILF Datasheet(HTML) 63 Page - Integrated Circuit Systems

Back Button ICS1893AGILF Datasheet HTML 59Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 60Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 61Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 62Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 63Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 64Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 65Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 66Page - Integrated Circuit Systems ICS1893AGILF Datasheet HTML 67Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 135 page
background image
Chapter 8 Management Register Set
ICS1893AG, Rev. A 04/14/05
April, 2005
63
ICS1893AG Data Sheet - Preliminary
Copyright © 2005, Integrated Circuit Systems, Inc.
All rights reserved.
8.3.2 100Base-TX Full Duplex (bit 1.14)
The STA reads this bit to learn if the ICS1893AG can support 100Base-TX, full-duplex operations. The
ISO/IEC specification requires that the ICS1893AG must set bit 1.14 to logic:
• Zero if it cannot support 100Base-TX, full-duplex operations.
• One if it can support 100Base-TX, full-duplex operations. (For the ICS1893AG, the default value of bit
1.14 is logic one, in that the ICS1893AG supports 100Base-TX, full-duplex operations.)
Bit 1.14 is a Command Override Write bit, which allows an STA to alter the default value of this bit. [See the
description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16: Extended
Control Register”.]
8.3.3 100Base-TX Half Duplex (bit 1.13)
The STA reads this bit to learn if the ICS1893AG can support 100Base-TX, half-duplex operations. The
ISO/IEC specification requires that the ICS1893AG must set bit 1.13 to logic:
• Zero if it cannot support 100Base-TX, half-duplex operations.
• One if it can support 100Base-TX, half-duplex operations. (For the ICS1893AG, the default value of bit
1.13 is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the
ICS1893AG supports 100Base-TX, half-duplex operations.)
This bit 1.13 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.4 10Base-T Full Duplex (bit 1.12)
The STA reads this bit to learn if the ICS1893AG can support 10Base-T, full-duplex operations. The
ISO/IEC specification requires that the ICS1893AG must set bit 1.12 to logic:
• Zero if it cannot support 10Base-T, full-duplex operations.
• One if it can support 10Base-T, full-duplex operations. (For the ICS1893AG, the default value of bit 1.12
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893AG
supports 10Base-T, full-duplex operations.)
This bit 1.12 is a Command Override Write bit, which allows an STA to alter the default value of this bit.
[See the description of bit 16.15, the Command Override Write Enable bit, in Section 8.11, “Register 16:
Extended Control Register”.]
8.3.5 10Base-T Half Duplex (bit 1.11)
The STA reads this bit to learn if the ICS1893AG can support 10Base-T, half-duplex operations. The
ISO/IEC specification requires that the ICS1893AG must set bit 1.11 to logic:
• Zero if it cannot support 10Base-T, half-duplex operations.
• One if it can support 10Base-T, half-duplex operations. (For the ICS1893AG, the default value of bit 1.11
is logic one. Therefore, when an STA reads the Status Register, the STA is informed that the ICS1893AG
supports 10Base-T, half-duplex operations.)
Bit 1.11 of the ICS1893AG Status Register is a Command Override Write bit., which allows an STA to alter
the default value of this bit. [See the description of bit 16.15, the Command Override Write Enable bit, in
Section 8.11, “Register 16: Extended Control Register”.]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com