Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC591 Datasheet(PDF) 4 Page - Analog Devices

Part # ADSP-SC591
Description  SHARC Dual-Core DSP with Arm Cortex-A5
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC591 Datasheet(HTML) 4 Page - Analog Devices

  ADSP-SC591 Datasheet HTML 1Page - Analog Devices ADSP-SC591 Datasheet HTML 2Page - Analog Devices ADSP-SC591 Datasheet HTML 3Page - Analog Devices ADSP-SC591 Datasheet HTML 4Page - Analog Devices ADSP-SC591 Datasheet HTML 5Page - Analog Devices ADSP-SC591 Datasheet HTML 6Page - Analog Devices ADSP-SC591 Datasheet HTML 7Page - Analog Devices ADSP-SC591 Datasheet HTML 8Page - Analog Devices ADSP-SC591 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 143 page
background image
Rev. PrD
|
Page 4 of 143
|
May 2021
ADSP-21591/21593/21594/ADSP-SC591/SC592/SC594 Preliminary Technical Data
GENERAL DESCRIPTION
The ADSP-2159x/ADSP-SC59x processors are members of the
SHARC
® family of products. The ADSP-SC59x processors are
based on the SHARC+® dual-core and the Arm® Cortex®-A5
core. The ADSP-2159x/ADSP-SC59x SHARC processors are
members of the single-instruction, multiple data (SIMD)
SHARC family of digital signal processors (DSPs) that feature
Analog Devices, Inc., Super Harvard Architecture. These 32-
bit/40-bit/64-bit floating-point processors are optimized for
high performance audio/floating-point applications with large
on-chip static random-access memory (SRAM), multiple inter-
nal buses that eliminate input/output (I/O) bottlenecks, and
innovative digital audio interfaces (DAI). New additions to the
SHARC+ core include cache enhancements and branch predic-
tion, while maintaining instruction set compatibility to previous
SHARC products.
By integrating a set of industry leading system peripherals and
memory, the Arm Cortex-A5 and SHARC processor is the plat-
form of choice for applications that require programmability
similar to reduced instruction set computing (RISC), multime-
dia support, and leading edge signal processing in one
integrated package. These applications span a wide array of
markets, including automotive, professional audio, and indus-
trial-based applications that require high floating-point
performance.
Table 1 provides comparison information for features that vary
across the standard processors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com