Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7121BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADUC7121BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7121BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADUC7121BBCZ Datasheet HTML 48Page - Analog Devices ADUC7121BBCZ Datasheet HTML 49Page - Analog Devices ADUC7121BBCZ Datasheet HTML 50Page - Analog Devices ADUC7121BBCZ Datasheet HTML 51Page - Analog Devices ADUC7121BBCZ Datasheet HTML 52Page - Analog Devices ADUC7121BBCZ Datasheet HTML 53Page - Analog Devices ADUC7121BBCZ Datasheet HTML 54Page - Analog Devices ADUC7121BBCZ Datasheet HTML 55Page - Analog Devices ADUC7121BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
ADuC7120/ADuC7121
Data Sheet
Rev. D | Page 52 of 102
Table 67. IDAC Bandwidth Registers (Default Value = 0x00,
Read and Write Access)
Name
Address
IDAC0BW
0xFFFF0708
IDAC1BW
0xFFFF0714
IDAC2BW
0xFFFF0720
IDAC3BW
0xFFFF072C
IDAC4BW
0xFFFF0738
Table 68. IDACxBW MMR Bit Designations
Bit(s)
Name
Setting
Description
[7:4]
Reserved
The user sets these bits to 0.
[3:0]
BW
Bandwidth control bits. Defines
the 3 dB bandwidth of the
resistor capacitor (RC) low-pass
filter, assuming a 0.01 μF
capacitor on the CDAMP_IDACx
pins of the IDACx.
000
100 kHz.
001
28.7 kHz.
010
15 kHz.
011
7.8 kHz.
100
4 kHz.
101
2.2 kHz.
110
1.2 kHz.
Others
Not defined.
Table 69. IDAC Status Register (Default Value = 0x00, Read
and Write Access)
Name
Address (Hex)
IDACSTA
0xFFFF0740
Table 70. IDACSTA MMR Bit Designations
Bit(s)
Name
Setting
Description
[7:2]
Reserved
These bits are set to 0 by the user.
1
TSHUT
0
Thermal shutdown error status
bit.
Set to 1 by the core indicating a
thermal shutdown event.
Set to 0 by the core indicating
the IDACs are within operating
temperature.
0
Reserved
Reserved.
OSCILLATOR AND PLL—POWER CONTROL
The ADuC7120/ADuC7121 integrate a 32.768 kHz oscillator, a
clock divider, and a phase-locked loop (PLL). The PLL locks
onto a multiple (1275) of the internal oscillator to provide a
stable 41.78 MHz clock for the system. The core can operate at
this frequency, or at binary submultiples of it, to allow power
saving. The default core clock is the PLL clock divided by 8
(CD = 3) or 5.2 MHz. The core clock frequency can be output on
the XCLK pin as described in Figure 34. When the XCLK pin
outputs the core clock, the output signal is not buffered and is
not suitable for use as a clock source to an external device
without an external buffer.
A power-down mode is available on the ADuC7120/ADuC7121.
The operating mode, clocking mode, and programmable clock
divider are controlled via two MMRs: PLLCON (see Table 73) and
POWCON (see Table 74). PLLCON controls the operating
mode of the clock system, and POWCON controls the core
clock frequency and the power-down mode.
AT POWER-UP
41.78MHz
OCLK 32.768kHz
WATCHDOG
TIMER
INT. 32kHz1
OSCILLATOR
CRYSTAL
OSCILLATOR
TIMERS
MDCLK
HCLK
PLL
CORE
I2C
UCLK
ANALOG
PERIPHERALS
/2CD
CD
XTALO
XTALI
P1.4/XCLK
P1.4/ECLK
132.768kHz ±3%
Figure 34. Clocking System
External Crystal Selection
To switch to an external crystal, use the following procedure:
1. Enable the Timer2 interrupt and configure it for a timeout
period of >120 µs.
2. Follow the write sequence to the PLLCON register, setting
the MDCLK bits to 01 and clearing the OSEL bit.
3. Force the device into nap mode by writing the correct write
sequence to the POWCON register.
4. When the device is interrupted from nap mode by the Timer2
interrupt source, the clock source switches to the external
clock.
In noisy environments, noise can couple to the external crystal
pins, and PLL can lose lock momentarily. A PLL interrupt is
provided in the interrupt controller. The core clock is immediately
halted, and this interrupt is serviced only when the lock is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com