Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7121BBCZ Datasheet(PDF) 80 Page - Analog Devices

Part # ADUC7121BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7121BBCZ Datasheet(HTML) 80 Page - Analog Devices

Back Button ADUC7121BBCZ Datasheet HTML 76Page - Analog Devices ADUC7121BBCZ Datasheet HTML 77Page - Analog Devices ADUC7121BBCZ Datasheet HTML 78Page - Analog Devices ADUC7121BBCZ Datasheet HTML 79Page - Analog Devices ADUC7121BBCZ Datasheet HTML 80Page - Analog Devices ADUC7121BBCZ Datasheet HTML 81Page - Analog Devices ADUC7121BBCZ Datasheet HTML 82Page - Analog Devices ADUC7121BBCZ Datasheet HTML 83Page - Analog Devices ADUC7121BBCZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
ADuC7120/ADuC7121
Data Sheet
Rev. D | Page 80 of 102
PLACLK Register
PLACLK is the clock selection for the flip-flops of Block 0 and
Block 1. The maximum frequency when using the GPIO pins as
the clock input for the PLA blocks is 41.78 MHz.
Name:
PLACLK
Address:
0xFFFF0B40
Default value: 0x00
Access:
Read and write
Table 111. PLACLK MMR Bit Descriptions
Bit(s)
Setting
Description
7
Reserved.
[6:4]
Block 1 clock source selection.
000
GPIO clock on P0.5 of the P0.5/CS/PLAI[10]/
ADCCONVST pin.
001
GPIO clock on P0.0 of the P0.0/SCL0/PLAI[5] pin.
010
GPIO clock on the P0.7 of the P0.7/TRST/PLAI[3]
pin.
011
HCLK (core clock).
100
OCLK (32.768 kHz external crystal).
101
Timer1 overflow.
Other
Reserved.
3
Reserved.
[2:0]
Block 0 clock source selection.
000
GPIO clock on P0.5. on P0.5 of the P0.5/CS/
PLAI[10]/ADCCONVST pin.
001
GPIO clock on P0.0 of the P0.0/SCL0/PLAI[5] pin.
010
GPIO clock on P0.7 of the P0.7/TRST/PLAI[3] pin.
011
HCLK (core clock).
100
OCLK (32.768 kHz external crystal).
101
Timer1 overflow.
Other
Reserved.
PLAIRQ Register
PLAIRQ enables IRQ0 and/or IRQ1 and selects the source of
the normal interrupt request IRQ (IRQ).
Name:
PLAIRQ
Address:
0xFFFF0B44
Default value: 0x0000
Access:
Read and write
Table 112. PLAIRQ MMR Bit Descriptions
Bit(s)
Setting
Description
[15:13]
Reserved.
12
PLA IRQ1 enable bit.
Set by the user to enable IRQ1 output from
the PLA.
Cleared by the user to disable IRQ1 output
from the PLA.
Bit(s)
Setting
Description
[11:8]
PLA IRQ1 source.
0000
PLA Element 0.
0001
PLA Element 1.
1111
PLA Element 15.
[7:5]
Reserved.
4
PLA IRQ0 enable bit.
Set by the user to enable IRQ0 output from
the PLA.
Cleared by the user to disable IRQ0 output
from the PLA.
[3:0]
PLA IRQ0 source.
0000
PLA Element 0.
0001
PLA Element 1.
1111
PLA Element 15.
PLAADC Register
PLAADC is the PLA source for the ADC start conversion signal.
Name:
PLAADC
Address:
0xFFFF0B48
Default value: 0x00000000
Access:
Read and write
Table 113. PLAADC MMR Bit Descriptions
Bit(s)
Setting
Description
[31:5]
Reserved.
4
ADC start conversion enable bit.
Set by the user to enable an ADC start
conversion from the PLA.
Cleared by the user to disable an ADC start
conversion from the PLA.
[3:0]
ADC start conversion source.
0000
PLA Element 0.
0001
PLA Element 1.
1111
PLA Element 15.
PLADIN Register
PLADIN is a data input MMR for PLA.
Name:
PLADIN
Address:
0xFFFF0B4C
Default value: 0x00000000
Access:
Read and write
Table 114. PLADIN MMR Bit Descriptions
Bit(s)
Description
[31:16]
Reserved.
[15:0]
Input bit from Element 15 to Element 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com