Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7121BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADUC7121BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7121BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUC7121BBCZ Datasheet HTML 9Page - Analog Devices ADUC7121BBCZ Datasheet HTML 10Page - Analog Devices ADUC7121BBCZ Datasheet HTML 11Page - Analog Devices ADUC7121BBCZ Datasheet HTML 12Page - Analog Devices ADUC7121BBCZ Datasheet HTML 13Page - Analog Devices ADUC7121BBCZ Datasheet HTML 14Page - Analog Devices ADUC7121BBCZ Datasheet HTML 15Page - Analog Devices ADUC7121BBCZ Datasheet HTML 16Page - Analog Devices ADUC7121BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Data Sheet
ADuC7120/ADuC7121
Rev. D | Page 13 of 102
Table 6. SPI Slave Mode Timing (Phase Mode = 1)
Parameter
Description
Min1
Typ1
Max
Unit
t
CS
CS to the SPICLK edge2
200
ns
tSL
SPICLK low pulse width
(SPIDIV + 1) × tUCLK
ns
tSH
SPICLK high pulse width
(SPIDIV + 1) × tUCLK
ns
tDAV
Data output valid after SPICLK edge
25
ns
tDSU
Data input setup time before SPICLK edge
1 × tUCLK
ns
tDHD
Data input hold time after SPICLK edge
2 × tUCLK
ns
tDF
Data output fall time
5
12.5
ns
tDR
Data output rise time
5
12.5
ns
tSR
SPICLK rise time
5
12.5
ns
tSF
SPICLK fall time
5
12.5
ns
tSFS
CS high after SPICLK edge
0
ns
1
tUCLK = 23.9 ns. It corresponds to the 41.78 MHz internal clock from the PLL before the clock divider.
2
CS is the CS (SPI slave select input) function of the multifunction Pin F3.
SPICLK
(POLARITY = 0)
CS
SPICLK
(POLARITY = 1)
tSH
tSL
tSR
tSF
tSFS
MISO
MSB
BIT 6 TO BIT 1
LSB
MOSI
MSB IN
BIT 6 TO BIT 1
LSB IN
tDHD
tDSU
tDAV
tDR
tDF
tCS
Figure 5. SPI Slave Mode Timing (Phase Mode = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com