Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7121BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADUC7121BBCZ
Description  Precision Analog Microcontroller, 12-Bit Analog Input/Output, ARM7TDMI MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7121BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUC7121BBCZ Datasheet HTML 17Page - Analog Devices ADUC7121BBCZ Datasheet HTML 18Page - Analog Devices ADUC7121BBCZ Datasheet HTML 19Page - Analog Devices ADUC7121BBCZ Datasheet HTML 20Page - Analog Devices ADUC7121BBCZ Datasheet HTML 21Page - Analog Devices ADUC7121BBCZ Datasheet HTML 22Page - Analog Devices ADUC7121BBCZ Datasheet HTML 23Page - Analog Devices ADUC7121BBCZ Datasheet HTML 24Page - Analog Devices ADUC7121BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
Data Sheet
ADuC7120/ADuC7121
Rev. D | Page 21 of 102
Pin No.
Mnemonic
Type1
Description
C3
P0.2/SPICLK/ADCBUSY/PLAO[13]
I/O
General-Purpose Input and Output Port 0.2 (P0.2).
SPI Clock (SPICLK).
Status of the ADC (ADCBUSY).
Programmable Logic Array for Output Element 13 (PLAO[13]).
C4
P3.0/PLAO[0]
I/O
General-Purpose Input and Output Port 3.0 (P3.0).
Programmable Logic Array for Output Element 0 (PLAO[0]).
C5
PVDD_IDAC3
S
2.0 V Power for the IDAC3.
C6
PVDD_IDAC4
S
2.0 V Power for IDAC4.
C7
AVDD
S
Analog Supply (3.3 V).
C8
CDAMP_IDAC2
AI
Damping Capacitor Pin for IDAC2.
C9
P2.7/PLAI[0]
I/O
General-Purpose Input and Output Port 2.7 (P2.7).
Programmable Logic Array for Input Element 0 (PLAI[0]).
C10
P1.2/TDI/PLAO[15]
DI
General-Purpose Input and Output Port 1.2 (P1.2).
JTAG Test Port Input, Test Data In (TDI). The TDI function of Pin C10 is for debug and
download access.
Programmable Logic Array for Output Element 15 (PLAO[15]).
C11
P3.1/PLAO[1]
I/O
General-Purpose Input and Output Port 3.1 (P3.1).
Programmable Logic Array for Output Element 1 (PLAO[1]).
C12
RST
I
Reset Input (Active Low).
D1
P3.2/IRQ4/PWM3/PLAO[2]
I/O
General-Purpose Input and Output Port 3.2 (P3.2).
External Interrupt Request 4, Active High (IRQ4).
Pulse-Width Modulator 3 Output (PWM3).
Programmable Logic Array for Output Element 2 (PLAO[2]).
D2
P1.1/SOUT/SDA1/PLAI[6]
I/O
General-Purpose Input and Output Port 1.1 (P1.1).
Serial Output, Transmit Data, UART (SOUT).
I2C Interface Serial Data for I2C1 (SDA1).
Programmable Logic Array for Input Element 6 (PLAI[6]).
D3
P0.3/MISO/PLAO[12]/SYNC
I/O
General-Purpose Input and Output Port 0.3 (P0.3).
SPI Master In Slave Out (MISO).
Programmable Logic Array for Output Element 12 (PLAO[12]).
Synchronous Reset (SYNC). Input to reset synchronously the PWM counters using an
external source.
D10
P1.3/TDO/PLAO[14]
DO
General-Purpose Input and Output Port 1.3 (P1.3).
JTAG Test Port Output, Test Data Out (TDO). The TDO function of Pin D10 is for debug
and download access.
Programmable Logic Array for Output Element 14 (PLAO[14]).
D11
P0.0/SCL0/PLAI[5]
I/O
General-Purpose Input and Output Port 0.0 (P0.0).
I2C Interface Serial Clock for I2C0 (SCL0).
Programmable Logic Array for Input Element 5 (PLAI[5]).
D12
P3.6/PLAO[10]
I/O
General-Purpose Input and Output Port 3.6 (P3.6).
Programmable Logic Array for Output Element 10 (PLAO[10]).
E1
P3.3/IRQ5/PWM4/PLAO[3]
I/O
General-Purpose Input and Output Port 3.3 (P3.3).
External Interrupt Request 5, Active High (IRQ5).
Pulse-Width Modulator 4 Output (PWM4).
Programmable Logic Array for Output Element 3 (PLAO[3]).
E2
P3.4/PLAO[8]
I/O
General-Purpose Input and Output Port 3.4 (P3.4).
Programmable Logic Array for Output Element 8 (PLAO[8]).
E3
P0.4/MOSI/PLAI[11]/TRIP
I/O
General-Purpose Input and Output Port 0.4 (P0.4).
SPI Master Out Slave In (MOSI).
Programmable Logic Array for Input Element 11 (PLAI[11]).
PWM Trip Interrupt (TRIP). The TRIP function of Pin E3 is the input that allows the PWM
trip interrupt to be triggered.
E10
TMS
DI
JTAG Test Port Input, Test Mode Select. Debug and download access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com